Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6564NS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN6564NS
Description  Quadruple Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6564NS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN6564NS Datasheet HTML 1Page - Panasonic Semiconductor AN6564NS Datasheet HTML 2Page - Panasonic Semiconductor AN6564NS Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Input offset voltage
VI (offset)
7mV
2
RS=50
IBias
500
nA
Input bias current
Input offset current
IIO
50
nA
Common-mode input voltage range
0
VCM
V
Supply current
ICC
mA
RL=
Voltage gain
GV
dB
100
RL
≥2kΩ
Maximum output voltage
VCC–1.5
VO(max.)
V
RL=2k
Common-mode rejection ratio
65
CMR
dB
85
Supply voltage rejection ratio
65
SVR
dB
100
Channel separation
CS
dB
120
f=1kHz to 20kHz
Output source current
IO(source)
mA
40
Vin+=1V, Vin–=0V
VCC–1.5
2
20
10
Output sink current
ISINK
mA
20
Vin+=0V, Vin–=1V
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (VCC=5V, Ta=25˚C)
Pin No.
1
2
3
4
5
6
7
Ch.1 output
Ch.1 inverting input
Ch.1 non inverting input
VCC
Ch.2 non inverting input
Ch.2 inverting input
Ch.2 output
Pin No.
8
9
10
11
12
13
14
Ch.3 output
Ch.3 inverting input
Ch.3 non inverting input
GND (VEE)
Ch.4 non inverting input
Ch.4 inverting input
Ch.4 output
s Pin Descriptions
Pin name
Pin name
VCC
VID
VICM
VO
PD
Topr
Tstg
V
V
V
V
mW
˚C
˚C
32
32
–0.3 to 32
24
570
380
–20 to +75
–55 to +150
–55 to +125
Voltage
Power dissipation
Operating ambient temperature
Storage temperature
Supply voltage
Differential input voltage
Common-mode input voltage
Output voltage
AN1324 (AN6564)
AN1324NS (AN6564NS)
AN1324 (AN6564)
AN1324NS (AN6564NS)
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)


Similar Part No. - AN6564NS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6561 PANASONIC-AN6561 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6561L PANASONIC-AN6561L Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562 PANASONIC-AN6562 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562S PANASONIC-AN6562S Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
More results

Similar Description - AN6564NS

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com