Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3A17DN8 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMP3A17DN8
Description  DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A17DN8 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMP3A17DN8 Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A17DN8 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMP3A17DN8
PROVISIONAL ISSUE A - AUGUST 2002
6
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit
Charge
Q
GS
Q
GD
Q
G
10V
V
G
V
V
DS
GS
12V
0.2µF
50k
0.3µF
I
D
I
G
Current
Regulator
Same as
D.U.T
D.U.T
V
DS
V
GS
90%
10%
t
r
t
f
t
d(off)
t
d(on)
R
G
V
GS
R
D
V
DS
V
cc
Pulse Width < 1µS
Duty Factor
0.1%
£
-
0.1
1
10
0
200
400
600
800
1000
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
-V
DS -Drain -Source Voltage (V)
0
5
10
15
20
0
2
4
6
8
10
I
D
=-3.2A
V
DS
= -15V
Gate-SourceVoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMP3A17DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8TA DIODES-ZXMP3A17DN8TA Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8TC DIODES-ZXMP3A17DN8TC Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A17DN8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P03X DIODES-ZXMD63P03X Datasheet
345Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
   30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com