Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-353D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-353D
Description  MOS FET Relay with N.C. (Normally Closed) Contacts for Switching Analog Signals.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-353D Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-353D Datasheet HTML 1Page - Omron Electronics LLC G3VM-353D Datasheet HTML 2Page - Omron Electronics LLC G3VM-353D Datasheet HTML 3Page - Omron Electronics LLC G3VM-353D Datasheet HTML 4Page - Omron Electronics LLC G3VM-353D Datasheet HTML 5Page - Omron Electronics LLC G3VM-353D Datasheet HTML 6Page - Omron Electronics LLC G3VM-353D Datasheet HTML 7Page - Omron Electronics LLC G3VM-353D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
G3VM-353A/B/D/E
G3VM-353A/B/D/E
s
G3VM–353B/E
Absolute Maximum Ratings (Ta = 25
°C)
Note
The dielectric strength between I/O terminals was measured with voltage applied to pins 1, 2, and 3 together, and to pins 4, 5, and
6 together.
Connection Circuit Diagram
Item
Symbol
Rating
Conditions
Input
LED forward current
IF
50 mA
---
LED forward current reduction rate
∆I
F/°C
–0.5 mA/
°CTa ≥ 25°C
Repetitive peak LED forward current
IFP
1 A
100-µs pulses, 100 pps
LED reverse voltage
VR
5 V
---
Permissible loss
Pin
50 mW
---
Connection temperature
TJ
125
°C
---
Output
Output dielectric strength
VOFF
350 V
AC peak value
Continuous load cur-
rent (See note.)
A connection
IO
150 mA
---
B connection
150 mA
C connection
300 mA
Peak load current
Ipeak
0.35 A
---
Output loss
Pout
506 mW
---
ON current reduction
rate
A connection
∆I
ON/°C
–1.5 mA/
°C
Ta
≥ 25°C
B connection
–1.5 mA/
°C
C connection
–3.0 mA/
°C
Total permissible loss
PT
556 mW
---
Dielectric strength between I/O terminals (See note.)
VI–O
2,500 Vrms
AC, 1 min
Insulation resistance
RI–O
5
× 1010 MΩ
VS = 500 V, ambient operating
humidity
≤ 60%
Storage temperature
Tstg
–55 to 125
°C
---
Ambient operating temperature
Ta
–40 to 85
°C
---
Load
or AC
DC
1
2
3
6
5
4
A connection
B connection
C connection
1
2
3
6
5
4
DC
Load
1
2
3
6
5
4
DC
Load


Similar Part No. - G3VM-353D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-353D OMRON-G3VM-353D Datasheet
563Kb / 6P
   MOS FET Relays
G3VM-353D OMRON-G3VM-353D Datasheet
515Kb / 6P
   MOS FET Relays
G3VM-353D OMRON-G3VM-353D Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-353D OMRON-G3VM-353D Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-353D OMRON-G3VM-353D Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
More results

Similar Description - G3VM-353D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61GR2 OMRON-G3VM-61GR2 Datasheet
87Kb / 3P
   MOS FET Relays with 1.7-A switching Designed for Switching Minute Signals and Analog Signals.
G3VM61E1 OMRON-G3VM61E1 Datasheet
386Kb / 4P
   Analog-switching MOS FET Relay for High Analog-switching MOS FET Relay for High 2.5 kVAC between I/O.
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
   3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
IXYS Corporation
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
   Single Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
   Single-Pole Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
   Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com