Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1564ETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1564ETE
Description  Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1564ETE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1564ETE Datasheet HTML 3Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 4Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 5Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 9Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 10Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Triple 1.2A USB Switch in 4mm x 4mm
Thin QFN
8
_______________________________________________________________________________________
current limiting. When VOUT_ is greater than 1V, the
device operates in continuous current-limit mode and
limits output current to a user-programmable level.
When VOUT_ is less than 1V, the device operates in
short-circuit current-limit mode and pulses the output
current to levels that are 30% (typ) higher than the
selected current limit. When either fault condition per-
sists for 20ms (typ), the output turns off and its fault flag
is asserted. The output automatically restarts 20ms
after the short or overload is removed.
Auto-Restart Mode
The MAX1564 detects short-circuit removal by sourcing
25mA from the output and monitoring the output volt-
age. When the voltage at the output exceeds 0.5V for
20ms, the fault flag resets, the output turns back on,
and the 25mA current source turns off. Active loads are
not expected to draw measurable current when sup-
plied with less than 0.5V. The MAX1564 can also be
reset from a fault by toggling the ON_ input for the
offending channel.
Reverse Current Blocking
The USB specification does not allow an output device
to source current back into the USB port. However, the
MAX1564 is designed to safely power noncompliant
devices. During normal operation with the channel
enabled, the IC immediately turns off the switch if the
output voltage rises above the input voltage sufficiently
to create a reverse current in excess of 0.9A (typ). If the
output voltage condition persists for longer than 20ms
(typ), the switch remains off and the FLT_ flag is assert-
ed. When any channel is disabled, the output is
switched to a high-impedance state, blocking reverse
current flow from the output back to the input.
Thermal Shutdown
Independent thermal shutdown of each channel per-
mits delivering power to normal loads even if one load
has a fault condition. The thermal limit does not have
the 20ms fault blanking but sets the same fault latch
that is used for other faults. Exiting this latched state is
described in the Auto-Restart Mode section.
Fault Indicators and Fault Blanking
The MAX1564 provides an independent open-drain
fault output (FLT_) for each switch. Connect FLT_ to IN_
through a 100k
Ω pullup resistor for most applications.
FLT_ asserts low when any of the following conditions
occur:
• The input voltage is below the UVLO threshold.
• The switch junction temperature exceeds the +160°C
thermal-shutdown temperature limit.
• The switch is in current-limit or short-circuit current-
limit mode after the fault-blanking period (20ms typ)
expires.
• The reverse current condition exists after the fault-
blanking period expires.
The FLT_ output goes high impedance after a 20ms
delay once the fault condition is removed. Ensure that
the MAX1564 input bypass capacitance prevents
glitches from triggering the FLT_ outputs. To differenti-
ate large capacitive loads from short circuits or sus-
tained overloads, the MAX1564 has an independent
fault-blanking circuit for each switch. When a load tran-
sient causes the output to enter current limit, an internal
counter monitors the duration of the fault. For load
faults exceeding the 20ms fault-blanking time, the
switch turns off, FLT_ asserts low, and the output enters
auto-restart mode (see the Current-Limit Fault
Protection and Auto-Restart Mode sections). Only cur-
rent-limit and short-circuit faults are blanked. Thermal-
overload faults and input voltages below the UVLO
threshold immediately turn off the offending output and
assert FLT_ low.
Fault blanking allows the MAX1564 to handle USB
loads that might not be fully compliant with USB
specifications. The MAX1564 successfully powers USB
MAX1564
INA
1
3
4
2
5
16
15
14
6
11
9
10
12
8
7
13
INB
INC
VCC
SEL
OUTA
OUTB
OUTC
ONA
ONB
ONC
FLTA
FLTB
FLTC
R2
100k
R3
100k
R1
26.1k
R4
100k
C2
1
µF
C1
0.1
µF
C3
1
µF
C4
1
µF
SETI
INPUT
2.75V TO 5.5V
USB
PORT A
USB
PORT B
USB
PORT C
GND
ACTIVE-HIGH/
ACTIVE-LOW
SELECT INPUT
Figure 1. Typical Application Circuit


Similar Part No. - MAX1564ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564ETE MAXIM-MAX1564ETE Datasheet
198Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 1; 2/10
More results

Similar Description - MAX1564ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564 MAXIM-MAX1564_10 Datasheet
198Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 1; 2/10
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
   I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Hitachi Metals, Ltd
ESI-4AFR2.017G01-T HITACHI-METALS-ESI-4AFR2.017G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.836M01-T HITACHI-METALS-ESI-4DCR0.836M01-T Datasheet
22Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.444G01-T HITACHI-METALS-ESI-4AFR1.444G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.855G01-T HITACHI-METALS-ESI-4AGR1.855G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.880G01-T HITACHI-METALS-ESI-4AFR1.880G01-T Datasheet
18Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com