Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC80F0424K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MC80F0424K
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80F0424K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MC80F0424K Datasheet HTML 1Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 2Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 3Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 4Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 5Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 6Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 7Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 8Page - List of Unclassifed Manufacturers MC80F0424K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 135 page
background image
Preliminary
MC80F0424/0432/0448
MAR. 2005 Ver 0.2
1
MC80F0424/0432/0448
MC80C0424/0432/0448
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH 10-BIT A/D CONVERTER AND UART
1. OVERVIEW
1.1 Description
The MC80F0424/0432/0448 is advanced CMOS 8-bit microcontroller with 48K/32K/24K bytes of ROM(FLASH). This is a powerful mi-
crocontroller which provides a highly flexible and cost effective solution to many embedded control applications. This provides the fol-
lowing standard features : 24K/32K/48K bytes of ROM(FLASH), 1.5K bytes of RAM, 8/16-bit timer/counter, watchdog timer, watch
timer, 10-bit A/D converter, 8-bit Serial Input/Output, UART, 6-bit buzzer driving port, 10-bit PWM output and on-chip oscillator and
clock circuitry. It also has 8 high current I/O pins with typical 20mA. In addition, the MC80F0424/0432/0448 supports power saving modes
to reduce power consumption.
1.2 Features
• 24/32K/48K Bytes On-chip ROM
• FLASH memory
- Endurance : 100 cycles
- Data retention time : 10 years
• 1.5K Bytes of On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
- 333ns at 12MHz (NOP instruction)
• 57 I/O Ports at 64 pin
• One 8-bit Basic Interval Timer
• Four 8-bit and one 16-bit Timer/Event counter
(or three 16-bit Timer/Event counter)
• One Watchdog timer
• One Watch timer
• Two 10-bit PWM
• Three 8-bit Serial Communication Interface
- One SIO and two UART
• One Buzzer Driving port
- 488Hz ~ 250kHz@4MHz
• 16 channel 10-bit A/D converter
• Four External Interrupt input ports
• Fifteen Interrupt sources
- Basic Interval Timer(1), External input(4)
- Timer/Event counter(5), ADC(1)
- Serial Interface(3), WDT and Watch Timer(1)
• Built in Noise Immunity Circuit
- Noise filter
- 3-level Power fail detector [3.0V, 2.7V, 2.4V]
• Power Down Mode
- Stop, Sleep, Sub active, Sub sleep mode
• Wide Operating Voltage Range
- 2.7V to 5.5V @ (0.4~4MHz)
- 4.5V to 5.5V @ (0.4~12MHz)
• 0.4 ~ 12MHz Wide Operating Frequency Range
• 64SDIP, 64MQFP, 64LQFP type
• Operating Temperature : -40°C ~ 85°C
• Oscillator Type
- Crystal, Ceramic resonator, External clock
• Sub-clock : 32.768kHz crystal oscillator
FLASH MCU
MASK MCU
ROM
RAM
ADC
PWM
I/O PORT
Package
MC80F0424
MC80C0424
24KB
1.5KB
16 channel
2 channel
57 port
64SDIP, 64MQFP
64LQFP
MC80F0432
MC80C0432
32KB
1.5KB
MC80F0448
MC80C0448
48KB
1.5KB


Similar Part No. - MC80F0424K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80F0104 ETC1-MC80F0104 Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0104B ETC1-MC80F0104B Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0104D ETC1-MC80F0104D Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0204 ETC1-MC80F0204 Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0204B ETC1-MC80F0204B Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80F0424K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com