Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3500BM-BFLG3 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U3500BM-BFLG3
Description  Cordless Telephone Signal Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3500BM-BFLG3 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U3500BM-BFLG3 Datasheet HTML 1Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 2Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 3Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 4Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 5Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 6Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 7Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 8Page - TEMIC Semiconductors U3500BM-BFLG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
U3500BM
Preliminary Information
Rev. A3, 20-May-98
5 (17)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Fig.
RF demodulator
fIF = 450 kHz, fMOD = 1 kHz, VIF = 500
mVrms
BSCR
EDEE
GRX0
GRX1
GRX2
GRX3
ERX1
ERXO
ERX2
1
0
1
1
1
01
1
1
Recovered audio
GDEM = 0,
DfFM = 2.5 kHz
GDEM = 1,
DfFM = 5.0 kHz
0.4
0.4
0.8
0.8
1.6
1.6
Vpp
Vpp
6
Recovered audio output
voltage drop
VBatt = 3.1 to 5.2 V
–1
+1
dB
6
AM rejection ratio
30% AM
30
35
dB
6
RX audio
Change of RX0 signal
deemphasis bypass
EDEE = 0
–0.5
0
0.5
dB
6
Gain adjust range
12
15
17
dB
6
Gain adjust step
0.8
1
1.2
dB
6
Output signal vs. frequency
relative to 1 kHz (0 dB)
deemphasis bypassed
100 Hz
300 Hz
1800 Hz
3200 Hz
4100 Hz
–7.5
–2.0
–1.3
–0.8
–6.5
–1.0
–0.3
0.2
–5.5
0
0.7
1.2
–60
dB
6
Output signal vs. frequency
relative to 1 kHz (0 dB)
deemphasis enable
EDEE = 1
100 Hz
300 Hz
1800 Hz
3200 Hz
4100 Hz
–0.7
3.7
–5.7
–10
0.3
4.7
–4.7
–9.0
1.3
5.7
–3.7
–8.0
–66
dB
6
Total harmonic distortion
DFM = 250 Hz
DFM = 2.50 kHz
3.5
3.5
%
%
6
Audio mute
DFM = 2.5 kHz, ERXO = 0
ERX1 = 0, ERX2 = 0
65
dB
6
Output impedance
100
W
Expander
EEA
GEA0
GEA1
GEA2
GEA3
GEA4
10
00
11
Gain reference level
VEXIN = –10 dBVrms
GOREC
11
13
15
dB
7
Change of gain when
expander is bypassed
BCOMP = 1
–0.5
0.5
dB
7
Gain tracking
VEXIN = –20 dBVrms
VEXIN = –30 dBVrms
VEXIN = –35 dBVrms
VEXIN = –40 dBVrms
–21
–41
–53
–50
–60
–19
–39
–47
dB
7
Input impedance
9.5
14.5
k
W
7
Gain change vs. supply
voltage
VBatt = 3.1 to 5.2 V
–0.5
0.5
dB
7
Attack time
VEXIN = step
–20 dBVrms
³ –14 dBVrms,
measure time after step, when
output voltage has 0.75 times
the final value
tf
16
ms
7
Release time
VEXIN = step
14 dBVrms
³ –20 dBVrms,
measure time after step, when
output voltage has 1.5 times of
the final value
tf
16
ms
7


Similar Part No. - U3500BM-BFLG3

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
U350 INTERFET-U350 Datasheet
99Kb / 1P
   Hybrid Quad Silicon Junction Field-Effect Transistor Array
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
More results

Similar Description - U3500BM-BFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
   Signal Processor for Cordless Telephone Base Sets
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com