Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMG-C120 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMG-C120
Description  Right Angle ChipLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-C120 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMG-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMG-C120 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 10. Tape dimensions.
Figure 11. Tape leader.
8.0 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
DIM. B
(SEE TABLE 1)
4.0 (0.157)
4.0 (0.157)
∅1.50 (0.059)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
DIM. C
± 0.10 (0.004)
HSMx-C120 SERIES
1.90 (0.075)
1.15 (0.045)
0.75 (0.030)
COVER TAPE
R 0.5 ± 0.05
(0.020 ± 0.002)
2.00 ± 0.05
(0.079 ± 0.002)
END
START
THERE SHALL BE A MINIMUM
OF 160 mm (6.3 INCHES) OF
EMPTY COMPONENT POCKETS
SEALED WITH COVER TAPE.
MOUNTED WITH
COMPONENTS.
MINIMUM OF
230 mm (9.05 IN.)
MAY CONSIST
OF CARRIER
AND/OR
COVER TAPE.
THERE SHALL BE A MINIMUM
OF 160 mm (6.3 INCHES) OF
EMPTY COMPONENT POCKETS
SEALED WITH COVER TAPE.
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is
± 0.1 mm (± 0.004 in.) unless otherwise specified.
Convective IR Reflow Soldering
For more information on IR
reflow soldering, refer to
Application Note 1060, Surface
Mounting SMT LED Indicator
Components.
Storage Condition: 5 to 30˚C
@ 60% RH max.
Baking is required under the
condition:
a) the blue silica gel indicator
becoming white/transparent
color
b) the pack has been opened for
more than 1 week
Baking recommended condition:
60 +/– 5˚C for 20 hours.


Similar Part No. - HSMG-C120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMG-C120 HP-HSMG-C120 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C120 AVAGO-HSMG-C120 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMG-C120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
   Narrow Angle SMT Red ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
   Narrow Angle SMT Red ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com