Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2125 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN2125
Description  NTSC/PAL signal processor IC for 510H color CCD camera
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN2125 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN2125 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
s Overview
The AN2125FHS is a CCD camera video signal pro-
cessor IC featuring luminance and color-difference
signals processing, and encoding, Y/C mixing, 75-
driver output, and subcarrier generation. It also in-
cludes an automatic white balance control circuit, an
operational amplifier for AGC, a DAC for adjustment,
and a circuit that automatically reads the EEPROM at
the instance of power-on. Together with only an ex-
ternal EEPROM, you can make all signal processing
system without a microprocessor.
s Features
• Supports 510H CCDs (250,000 pixels)
• Compatible with both NTSC and PAL
• Built-in FH lock system for subcarrier generation
• Built-in automatic EEPROM read-in circuit at power-
on instance.
• Built-in adjustment DAC (8 bits, 32 channels)
• Built-in external synchronization circuit
• Built-in comparator to provide for an electronic iris
AN2125FHS
NTSC/PAL signal processor IC for 510H color CCD camera
Unit:mm
128-Pin QFH Package (QFH128-P-1420)
128
103
39
64
(0.75)
0.50
23.2
±0.30
20.0
±0.20
65
1
38
102
0.18
SEATING PLANE
+0.1
- 0.05
0.80
±0.20
0 –10˚
Parameter
Symbol
Rating
Unit
VCC
ICC
PD
Topr
Tstg
Supply current
Power dissipation Note 2)
Operating ambient temperature Note 1)
Storage temperature Note 1)
ICC1 (156)=170
876
–20 to +70
–55 to +150
Supply voltage
VCC1=5.5
V
mW
mA
˚C
˚C
s Absolute Maximum Ratings
Note 1) Ta=25˚C for other than operating ambient and storage temperatures.
Note 2) Allowable power dissipation of the package at Ta=70˚C.
Parameter
Symbol
Range
Operating supply voltage range
4.5 to 5.1V
VCC
s Recommended Operating Range (Ta=25˚C)


Similar Part No. - AN2125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2123 STMICROELECTRONICS-AN2123 Datasheet
975Kb / 15P
   Principles of operation and application
AN2129 STMICROELECTRONICS-AN2129 Datasheet
362Kb / 9P
   DIMMING OF SUPER HIGH BRIGHTNESS LEDS
More results

Similar Description - AN2125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2101FH PANASONIC-AN2101FH Datasheet
43Kb / 2P
   NTSC/PAL signal processor IC for 510H color CCD cameras
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
   Video Signal Processor IC for PAL/NTSC Color-TV
logo
Sony Corporation
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Sony Corporation
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com