Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7I643682M Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7I643682M
Description  72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I643682M Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7I643682M Datasheet HTML 7Page - Samsung semiconductor K7I643682M Datasheet HTML 8Page - Samsung semiconductor K7I643682M Datasheet HTML 9Page - Samsung semiconductor K7I643682M Datasheet HTML 10Page - Samsung semiconductor K7I643682M Datasheet HTML 11Page - Samsung semiconductor K7I643682M Datasheet HTML 12Page - Samsung semiconductor K7I643682M Datasheet HTML 13Page - Samsung semiconductor K7I643682M Datasheet HTML 14Page - Samsung semiconductor K7I643682M Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7I643682M
K7I641882M
- 11 -
Rev 1.0
Aug. 2005
Note: For power-up, VIH
≤ VDDQ+0.3V and VDD ≤ 1.7V and VDDQ ≤ 1.4V t ≤ 200ms
VDDQ
VIL
VDDQ+0.5V
20% tKHKH(MIN)
VSS
VIH
VSS-0.5V
20% tKHKH(MIN)
Undershoot Timing
Overershoot Timing
VDDQ/2
50
SRAM
Zo=50
0.75V
VREF
ZQ
250
AC TEST OUTPUT LOAD
AC TEST CONDITIONS
Note: Parameters are tested with RQ=250
Parameter
Sym-
Value
Unit
Core Power Supply Voltage
VDD
1.7~1.9
V
Output Power Supply Voltage
VDDQ
1.4~1.9
V
Input High/Low Level
VIH/
1.25/0.25
V
Input Reference Level
VREF
0.75
V
Input Rise/Fall Time
TR/TF
0.3/0.3
ns
Output Timing Reference Level
VDDQ/2
V
VDDQ+0.25V
VSS-0.25V
THERMAL RESISTANCE
Note: Junction temperature is a function of on-chip power dissipation, package thermal impedance, mounting site temperature and mounting site
thermal impedance. TJ=TA + PD x
θJA
PRMETER
SYMBOL
Typ
Unit
NOTES
Junction to Ambient
θJA
21
°C/W
Junction to Case
θJC
2.48
°C/W
PIN CAPACITANCE
Note: 1. Parameters are tested with RQ=250
Ω and VDDQ=1.5V.
2. Periodically sampled and not 100% tested.
PRMETER
SYMBOL
TESTCONDITION
TYP
MAX
Unit
NOTES
Address Control Input Capacitance
CIN
VIN=0V
3.5
4
pF
Input and Output Capacitance
COUT
VOUT=0V
4
5
pF
Clock Capacitance
CCLK
-3
4
pF


Similar Part No. - K7I643682M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7I643682M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7A163631B SAMSUNG-K7A163631B Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
Samsung semiconductor
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com