Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V96BMC-40LP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V96BMC-40LP
Description  HIGH PERFORMANCE BURST DRAM CONTROLLER FOR i960Cx/Hx/Jx PROCESSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V96BMC-40LP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V96BMC-40LP Datasheet HTML 1Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 2Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 3Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 4Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 5Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 6Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 7Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 8Page - List of Unclassifed Manufacturers V96BMC-40LP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
V96BMC Rev.D
4
V96BMC Rev D Data Sheet Rev 3.2
Copyright © 1998, V3 Semiconductor Inc.
Signal
Type
R
Description
A[31:2]
I
Local address bus.
ALE
I
Address Latch Enable: controls a set of transparent latches on the
address bus. When asserted high, the address input flows through
the latch. When ALE is low, the internal address holds the previous
value. With an i960Cx/Hx processor ALE is not typically used and
has an internal pull-up resistor that will keep it high when not con-
nected (to provide backward pin compatibility with earlier versions).
D/C
I
Data/Code.
BE[3:0]
I
Local bus byte write enables.
W/R
IWrite/Read.
READY
O12
Z
Local Bus data ready.
ADS
I
Asserted low to indicate the beginning of a bus cycle
DEN
I
Data Enable. This input is monitored by the Bus Watch Timer to
detect a bus access not returning READY.
SUP
I
Indicates supervisor mode. Required for access to configuration reg-
isters.
BLAST
I
Burst last.
BTERM
O12
Z
Burst terminate. (this signal requires a nominal pull up resistor so
that the signal is deasserted when RESET goes inactive)
BERR
O12
H
Bus Time-out error.
INT
O12
H
Local interrupt request. This signal is asserted when the 24-bit
counter reaches terminal count, and interrupt out is enabled. May
be programmed for pulse or level operation.
RESET
I
Local bus reset signal.
PCLK
I
Local bus clock.
ID[2:0]
I
These inputs select the address offset of the configuration registers.
Power and Ground Signals
Signal
Type
R
Description
Vcc
-
POWER leads intended for external connection to a 5V Vcc plane
Vcc3
-
POWER for DRAM control outputs. Can be connected to 3.3V or 5V.
GND
-
GROUND leads intended for external connection to a GND plane.
a. R indicates state during reset.
Table 3: Signal Descriptions (cont’d)


Similar Part No. - V96BMC-40LP

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V965ME04 ZCOMM-V965ME04 Datasheet
99Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
84Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF_10 Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V96BMC-40LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V292BMC ETC1-V292BMC Datasheet
100Kb / 14P
   HIGH PERFORMANCE BURST DRAM CONTROLLER FOR Am29030/40 PROCESSORS
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
List of Unclassifed Man...
TIC-1000A ETC2-TIC-1000A Datasheet
383Kb / 2P
   High Performance, Value Compound for High-End Computer Processors
logo
Intel Corporation
M82C288 INTEL-M82C288 Datasheet
335Kb / 20P
   BUS CONTROLLER FOR M80286 PROCESSORS
M82288 INTEL-M82288 Datasheet
1Mb / 16P
   BUS CONTROLLER FOR M82286 PROCESSORS
82C288 INTEL-82C288 Datasheet
1Mb / 21P
   BUS CONTROLLER FOR 80286 PROCESSORS
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Elpida Memory
PD488588FF ELPIDA-PD488588FF Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM for High Performance Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com