Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7I641882M-EI16 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7I641882M-EI16
Description  72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I641882M-EI16 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7I641882M-EI16 Datasheet HTML 5Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 6Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 7Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 8Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 9Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 10Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 11Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 12Page - Samsung semiconductor K7I641882M-EI16 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7I643682M
K7I641882M
- 9 -
Rev 1.0
Aug. 2005
ABSOLUTE MAXIMUM RATINGS*
*Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. VDDQ must not exceed VDD during normal operation.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 2.9
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature (Commercial / Industrial)
TOPR
0 to 70 / -40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
DC ELECTRICAL CHARACTERISTICS(VDD=1.8V
±0.1V, TA=0°C to +70°C)
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω. |IOL|=(VDDQ/2)/(RQ/5)±15% for 175Ω ≤ RQ ≤ 350Ω.
3. Minimum Impedance Mode when ZQ pin is connected to VDDQ.
4. Operating current is calculated with 50% read cycles and 50% write cycles.
5. Standby Current is only after all pending read and write burst opeactions are completed.
6. Programmable Impedance Mode.
7. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring timing parameters.
8. VIL (Min)DC=
-0.3V, VIL (Min)AC=-1.5V(pulse width
≤ 3ns).
9. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=VDDQ+0.85V(pulse width
≤ 3ns).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
NOTES
Input Leakage Current
IIL
VDD=Max ; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x36):
QDR mode
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-30
-
900
mA
1,4
-25
-
800
-20
-
700
-16
650
Operating Current (x18):
QDR mode
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-30
-
850
mA
1,4
-25
-
750
-20
-
650
-16
-
600
Standby Current(NOP):
QDR mode
ISB1
Device deselected, IOUT=0mA,
f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-30
-
400
mA
1,5
-25
-
380
-20
-
360
-16
-
340
Output High Voltage
VOH1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output Low Voltage
VOL1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V3
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
3
Input Low Voltage
VIL
-0.3
VREF-0.1
V
7,8
Input High Voltage
VIH
VREF+0.1
VDDQ+0.3
V
7,9
OPERATING CONDITIONS (0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VDD
1.7
1.9
V
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V


Similar Part No. - K7I641882M-EI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I641882M SAMSUNG-K7I641882M Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7I641882M-EI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7A163631B SAMSUNG-K7A163631B Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
Samsung semiconductor
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com