Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2147FHP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN2147FHP
Description  CCD Video Camera Signal Processor ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN2147FHP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN2147FHP Datasheet HTML 1Page - Panasonic Semiconductor AN2147FHP Datasheet HTML 2Page - Panasonic Semiconductor AN2147FHP Datasheet HTML 3Page - Panasonic Semiconductor AN2147FHP Datasheet HTML 4Page - Panasonic Semiconductor AN2147FHP Datasheet HTML 5Page - Panasonic Semiconductor AN2147FHP Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
42
60
78
mA
min
typ
max
Unit
1.68
1.8
1.92
V
Itot
Total circuit current
Parameter
Condition
Symbol
VREF
Reference voltage (or VREF output voltage)
2.1
2.5
2.9
V
VCPOB
Pulse separation level CPOB
0.6
1.0
1.4
V
VPBLK
Pulse separation level PBLK
2.1
2.5
2.9
V
VCP2
Pulse separation level CP2
0.6
1.0
1.4
V
VCBLK
Pulse separation level CBLK
0.6
1.0
1.4
V
VFH/2
Pulse separation level FH/2
0.4
0.8
1.2
V
VSP
Pulse separation level SP
0.6
1.0
1.4
V
VWBLK
Pulse separation level WBLK
1.1
1.5
1.9
V
VDSYN
Pulse separation level SYNC
22.5
26
28.5
dB
VYMAX
Luminance AGC max. gain
V65=10STEP 50mVP–P
–9
–6
–4
dB
VYMIN
Luminance AGC mini. gain
V65=10STEP 1500mVP–P
22.5
26
28.5
dB
VCMAX
Color difference AGC min. gain Note A)
V65=Sin500kHz 50mVP–P
–9
–6
–4
dB
VCMIN
Color difference AGC max. gain Note A)
V65=Sin500kHz 1500mVP–P
350
470
600
mVP–P
VYGAM1
Luminance g characteristics (1)
V69=10STEP 1000mVP–P
3rd step
470
630
810
mVP–P
VYGAM2
Luminance g characteristics (2)
V69=10STEP 1000mVP–P
5 step
720
970
1260
mVP–P
VYGAM3
Luminance g characteristics (3)
V69=10STEP 1000mVP–P
10 step
–26
dB
VYFADE
V16=10STEP 300mVP–P
18.5
22
24.5
dB
VHAP
V16=Sin3.5kHz 100mVP–P
60
mVP–P
VBCLIP
V11=Sin500kHz 40mVP–P
Luminance fade characteristics
Horizontal AP generation circuit characteristics Note A)
Base clip characteristics Note B)
s Electrical Characteristics (VCC=4.6V, Ta=25±2˚C)
580
680
800
mVP–P
VYOUT
Output luminance signal amplitude
V29=10STEP 600mVP–P
800
890
1100
mV
VHCLIP
Output high-clip characteristics
V29=10STEP 1000mVP–P
–50
–28
–12
mV
VLCLIP
Output low-clip characteristics
V29=10STEP 200mVP–P (reverse)
268
295
322
mVP–P
VSYNC
Synchronous signal level
V29=C–GND
–20
dB
VCCLIP
Chroma clip characteristics Note B)
V20=Sin3.5MHz 600mVP–P
(V29=white signal)
300
450
600
mVP–P
VSH
S/H characteristics
V65=square wave 500kHz
1VP–P
40
60
100
mV
VPED1
Pedestal control characteristics (1)
V29=C–GND
–30
–10
0
mV
VPED2
Pedestal control characteristics (2)
V29=C–GND
–12
0
12
mV
VSW
Switch level
V48, V50, V54, V56=C–GND
–30
0
30
mV
VSWOFF
Switch DC offset
V48, V50, V54, V56=C–GND
420
580
760
mVP–P
VRWB
RWB control characteristics
V56=10STEP 200mVP–P
420
580
760
mVP–P
VCYG
CY+G control characteristics
V54=10STEP 200mVP–P
420
580
760
mVP–P
VBWB
BWB control characteristics
V50=10STEP 200mVP–P
420
580
760
mVP–P
VYEG
YE+G control characteristics
V48=10STEP 200mVP–P
380
520
710
mVP–P
VRMAT
R-Y matrix control characteristics
V50=10STEP 200mVP–P
380
520
710
mVP–P
VBMAT
B-Y matrix control characteristics
V56=10STEP 200mVP–P
100
mVP–P
VGAML
γ control signal leak
V24=10STEP 500mVP–P
300
410
530
mVP–P
VCGAM1
Color difference
γ
characteristics (1)
Color difference
γ
characteristics (2)
V22=10STEP 500mVP–P
V24=10STEP 1VP–P
3rd step
380
530
690
mVP–P
VCGAM2
V22=10STEP 500mVP–P
V24=10STEP 1VP–P
5 step
Note A) Sine wave with BLK and pedestal
Note B) Sine wave with BLK
The value in the above characteristics is not a guaranteed value, but reference one on design.


Similar Part No. - AN2147FHP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN214 ETC2-AN214 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
   Video Camera Luminance Signal Processing Circuit
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
   LED array reference design board
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
   This document provides an introduction to the Tasking toolchain
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
   Programming the ST10F27X embedded Flash
More results

Similar Description - AN2147FHP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Sony Corporation
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
A1 PROs co., Ltd.
AI5152 A1PROS-AI5152 Datasheet
136Kb / 7P
   a high performance CCD image signal processor forcolor video camera. It includes MCU, timing generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com