Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4646EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4646EUA
Description  Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4646EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4646EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4646EUA Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Fast, Low-Voltage, 2.5
Ω, SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
_________________________________Test Circuits/Timing Diagrams (continued)
IN
VIL OR
VIH
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO
RL
GND
COM
V+
MAX4645
MAX4646
Figure 4. Off-Isolation/On-Channel Bandwidth
CAPACITANCE
METER
NC OR
NO
COM
GND
IN
VIL OR
VIH
10nF
V+
f = 1MHz
V+
MAX4645
MAX4646
Figure 5. Channel Off/On-Capacitance
Chip Information
TRANSISTOR COUNT: 50
TOP VIEW
NO
IN
GND
1
6
V+
COM
MAX4645
SOT23-6
2
5
3
4
NC
IN
GND
1
6
V+
N.C.
N.C.
COM
MAX4646
SOT23-6
25
3
4
N.C. = NOT INTERNALLY CONNECTED
SWITCHES SHOWN FOR LOGIC 0 INPUT.
µMAX/SO/DIP
IN
N.C.
N.C.
V+
1
2
8
7
NO
GND
N.C.
COM
MAX4645
3
4
6
5
IN
N.C.
N.C.
V+
1
2
8
7
NC
GND
N.C.
COM
MAX4646
µMAX
3
4
6
5
µMAX
INPUT
0
1
SWITCH STATE
MAX4645
OFF
ON
MAX4646
ON
OFF
PIN 6
6
XYZA
4
123
NOTE: SOT23-6
PACKAGE
HAS LETTERING
NEAREST PIN 6.
5
Pin Configurations/Functional Diagrams/Truth Tables (continued)


Similar Part No. - MAX4646EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4646EUA MAXIM-MAX4646EUA Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
More results

Similar Description - MAX4646EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com