Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577K-12 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577K-12
Description  SIMPLE SWITCHER-R Step-Up Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577K-12 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1577K-12 Datasheet HTML 7Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 8Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 9Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 10Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 11Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 12Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 13Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 14Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM1577-12, LM2577-12 Test Circuit
LM1577-15, LM2577-15 Test Circuit
LM1577-ADJ, LM2577-ADJ Test Circuit
DS011468-30
L = 415-0930 (AIE)
D = any manufacturer
COUT = Sprague Type 673D
Electrolytic 680 µF, 20V
Note: Pin numbers shown are for TO-220 (T) package
FIGURE 1. Circuit Used to Specify System Parameters for 12V Versions
DS011468-26
L = 415-0930 (AIE)
D = any manufacturer
COUT = Sprague Type 673D
Electrolytic 680 µF, 20V
Note: Pin numbers shown are for TO-220 (T) package
FIGURE 2. Circuit Used to Specify System Parameters for 15V Versions
DS011468-9
L = 415-0930 (AIE)
D = any manufacturer
COUT = Sprague Type 673D
Electrolytic 680 µF, 20V
R1 = 48.7k in series with 511
Ω (1%)
R2 = 5.62k (1%)
Note: Pin numbers shown are for TO-220 (T) package
FIGURE 3. Circuit Used to Specify System Parameters for ADJ Versions
www.national.com
11


Similar Part No. - LM1577K-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577K-883 NSC-LM1577K-883 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM1577K-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com