Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9208153MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9208153MR
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9208153MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9208153MR Datasheet HTML 1Page - Torex Semiconductor XC9208153MR Datasheet HTML 2Page - Torex Semiconductor XC9208153MR Datasheet HTML 3Page - Torex Semiconductor XC9208153MR Datasheet HTML 4Page - Torex Semiconductor XC9208153MR Datasheet HTML 5Page - Torex Semiconductor XC9208153MR Datasheet HTML 6Page - Torex Semiconductor XC9208153MR Datasheet HTML 7Page - Torex Semiconductor XC9208153MR Datasheet HTML 8Page - Torex Semiconductor XC9208153MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
September 17, 2003 Ver. 2
! P-Channel Driver Transistor Built-In
" APPLICATIONS
! Input Voltage Range
: 1.8V ~ 6.0V (XC9206/XC9207)
# Mobile phones (PDC, GSM, CDMA, IMT2000 etc.)
: 2.0V ~ 6.0V (XC9208)
# PDA, Portable communication modem
! Output Voltage Range
: 0.9V ~ 4.0V
# Portable game
! Oscillation Frequency
: 300kHz, 600kHz, 1.2MHz
# Camera, Digital camera, Camcorder
! Output Current
: 500mA
# Cordless phone
! Maximum Duty Ratio
: 100%
# Note book computer
! Small Package
: SOT-25
! PWM/PFM Switching Control (XC9207 / XC9208)
! Ceramic Capacitor Compatible
" GENERAL DESCRIPTION
" FEATURES
P ch driver Tr. Built-in
ON resistance 0.4
Output Voltage Range
0.9V ~ 4.0V (100mV steps)
Fixed output voltage accuracy ±2%
Oscillation Frequency
300kHz, 600kHz, 1.2MHz
Fixed oscillation frequency
accuracy ±15%
Stand-by function
Istb = 1
µA (MAX.)
Current Limiter Circuit built-in
600mA
Small Package
SOT-25
Soft start circuit built-in
" TYPICAL APPLICATION CIRCUIT
" TYPICAL PERFORMANCE CHARACTERISTICS
XC9206 / 9207/ 9208 Series
The XC9206/9207/9208 series is a group of DC/DC converters with a
built-in 0.4
Ω P-channel driver transistor, offered in a SOT-25
package. The ICs are designed to provide high efficiencies and a
stable power supply with an output current of 500mA using only a
coil, a diode and two ceramic capacitors connected externally.
Minimum operating voltage of the XC9206/9207 is 1.8V and 2.0V for
XC9208. Output voltage is internally programmable in a range from
0.9V to 4.0V in increments of 100mV (accuracy:
±2.0%).
Oscillation frequency is selectable from 300kHz, 600kHz and 1.2MHz
so that the frequency best suited to your particular application can be
selected.
Each series features different operation modes:
PWM control (XC9206 series), automatic PWM/PFM switching
control (XC9207 series) and manual PWM/PFM switching control
(XC9208 series). The series gives fast transient response, low ripple
and high efficiency over the full range of load (from light load to high
output current conditions). The soft start and current control
functions are internally optimized. During stand-by, all circuits are
shutdown to reduce current consumption to as low as 1.0
µA or less.
With the built-in U.V.L.O. (Under Voltage Lock Out) function, the
internal P-channel driver transistor is forced OFF when input voltage
becomes 1.4V or lower.
XC9208A18C
VOUT=1.8V (Oscillation Frequency 1.2MHz)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT (mA)
VIN=2.4V
3.6V
4.2V
PWM/PFM
Switching Control
PWM
Control
CIN:4.7
µF,CL:10µF, L:4.7µH(CDRH3D16),
SD:CRS02, Topr=25
OC
Semiconductor Ltd.
1
2
4
5
L
CL
(ceramic)
SD
CIN
(ceramic)
VIN
CE/MODE
VOUT
(500mA)
Lx
VOUT
CE/
MODE
VIN
VSS
3
Data Sheet
1


Similar Part No. - XC9208153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9208 TOREX-XC9208 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC9208153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com