Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WP07P6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WP07P6X
Description  TinyLogic-R ULP Dual Buffer (Open Drain Output) (Preliminary)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP07P6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WP07P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WP07P6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
TEST
SWITCH
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC × 2 at VCC = 0.9V − 2.7V
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.1V
1.2 V
± 0.1V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VOL + 0.1V
VOL + 0.1V
VOL + 0.1V


Similar Part No. - NC7WP07P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00 Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
NC7WP00 ONSEMI-NC7WP00 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00K8X FAIRCHILD-NC7WP00K8X Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00K8X ONSEMI-NC7WP00K8X Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
More results

Similar Description - NC7WP07P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP16 FAIRCHILD-NC7WP16 Datasheet
189Kb / 9P
   TINYLOGIC-R ULP DUAL BUFFER (PRELIMINARY)
NC7WV07 FAIRCHILD-NC7WV07_06 Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07 ONSEMI-NC7WV07_V01 Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07 Datasheet
173Kb / 8P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38_V01 Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com