Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2493FH Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN2493FH
Description  Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN2493FH Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN2493FH Datasheet HTML 1Page - Panasonic Semiconductor AN2493FH Datasheet HTML 2Page - Panasonic Semiconductor AN2493FH Datasheet HTML 3Page - Panasonic Semiconductor AN2493FH Datasheet HTML 4Page - Panasonic Semiconductor AN2493FH Datasheet HTML 5Page - Panasonic Semiconductor AN2493FH Datasheet HTML 6Page - Panasonic Semiconductor AN2493FH Datasheet HTML 7Page - Panasonic Semiconductor AN2493FH Datasheet HTML 8Page - Panasonic Semiconductor AN2493FH Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ICs for VCR
AN2493FH
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Video-OSD quasi-V level
VOV
DC voltage difference referred to
−50
0
50
mV
sync. tip in PB mode
Video-OSD quasi-V
V48V
Pin 48 input in PB mode
2.0
4.8
V
mute CTL voltage
Video-OSD
V48G
Pin 48 input in PB mode
0
1.0
V
through CTL voltage
Y-main-LPF
∆f
ML1
Output ratio of 3 MHz to 100 kHz
−5
−12
dB
frequency characteristics 1
at input of 100 kHz or 3 MHz
Y-main-LPF
∆f
ML2
Output ratio of 4.43 MHz to 100 kHz

−25
dB
frequency characteristics 2
at input of 100 kHz or 4.43 MHz
Video amp. output amplitude
VVO
Adjust the VF out to 1 V[p-p]
1.75
2.0
2.25
V[p-p]
Video amp.
fVI
Output ratio of 5 MHz to 100 kHz
−1.5
0
1.5
dB
frequency characteristics
at input of 100 kHz or 5 MHz
View finder OSD-white
VBOW
DC voltage referred to pedestal level
56
68
80
IRE
mute level
View finder OSD-black
VBOB
DC voltage referred to pedestal level
−5
5
15
IRE
mute level
View finder OSD-white
V46W
Pin 48
= 0 V, an indication character
3.6
4.8
V
mute CTL voltage
is inserted
View finder OSD-black
V46B
Pin 48
= 0 V, an indication character
2.0
2.6
V
mute CTL voltage
is inserted
View finder OSD
V46S
Pin 48
= 0 V, an indication character
0
1.0
V
through CTL voltage
is inserted
View finder OSD quasi-V level
VBOV
DC voltage referred to sync. tip at
−50
0
50
mV
PB mode
View finder OSD quasi-V
VB48V
Pin 48 input in PB mode
2.0
4.8
V
mute CTL voltage
View finder OSD
VB48S
Pin 48 input in PB mode
0
1.0
V
through CTL voltage
PB OSD white mute level
VPOW
DC voltage referred to pedestal level
56
68
80
IRE
PB OSD black mute level
VPOB
DC voltage referred to pedestal level
−5
5
15
IRE
PB OSD white
V46W
Pin 48
= 0 V, an indication character
3.6
4.8
V
mute CTL voltage
is inserted
PB OSD black
V46B
Pin 48
= 0 V, an indication character
2.0
2.6
V
mute CTL voltage
is inserted
PB OSD through CTL voltage
V46S
Pin 48
= 0 V, an indication character
0
1.0
V
is inserted
PB OSD off
VVOO
Pin 48
= 0 V, an indication character
1.75
2.0
2.25
V[p-p]
is inserted
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN2493FH

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
   HUMAN INTERFACE DEVICE TUTORIAL
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
   Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
logo
STMicroelectronics
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
More results

Similar Description - AN2493FH

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
   Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
logo
Panasonic Semiconductor
AN5625N PANASONIC-AN5625N Datasheet
180Kb / 3P
   TV PAL/NTSC/M-NTSC CHROMINANCE-SIGNAL PROCESSING IC
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
logo
Sanyo Semicon Device
LA75691 SANYO-LA75691 Datasheet
267Kb / 13P
   IF Signal-Processing IC for PAL/NTSC Multichannel Audio TV and VCR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com