Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHS5402T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHS5402T1
Description  Power MOSFET N?묬hannel ChipFET-TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5402T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NTHS5402T1 Datasheet HTML 1Page - ON Semiconductor NTHS5402T1 Datasheet HTML 2Page - ON Semiconductor NTHS5402T1 Datasheet HTML 3Page - ON Semiconductor NTHS5402T1 Datasheet HTML 4Page - ON Semiconductor NTHS5402T1 Datasheet HTML 5Page - ON Semiconductor NTHS5402T1 Datasheet HTML 6Page - ON Semiconductor NTHS5402T1 Datasheet HTML 7Page - ON Semiconductor NTHS5402T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTHS5402T1
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Maximum Junction−to−Ambient (Note 2.)
t v 5 sec
Steady State
RthJA
40
80
50
95
°C/W
Maximum Junction−to−Foot (Drain)
Steady State
RthJF
15
20
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
V
Gate−Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
1.0
µA
VDS = 24 V, VGS = 0 V,
TJ = 85°C
5.0
On−State Drain Current (Note 3.)
ID(on)
VDS w 5.0 V, VGS = 10 V
20
A
Drain−Source On−State Resistance (Note 3.)
rDS(on)
VGS = 10 V, ID = 4.9 A
0.030
0.035
()
VGS = 4.5 V, ID = 3.9 A
0.045
0.055
Forward Transconductance (Note 3.)
gfs
VDS = 10 V, ID = 4.9 A
15
S
Diode Forward Voltage (Note 3.)
VSD
IS = 1.1 A, VGS = 0 V
0.8
1.2
V
Dynamic (Note 4.)
Total Gate Charge
Qg
V
15 V V
10 V
13
20
nC
Gate−Source Charge
Qgs
VDS = 15 V, VGS = 10 V,
ID = 4.9 A
1.3
Gate−Drain Charge
Qgd
ID = 4.9 A
3.1
Turn−On Delay Time
td(on)
10
15
ns
Rise Time
tr
VDD = 15 V, RL = 15 Ω
ID ^ 10 A VGEN = 10 V
10
15
Turn−Off Delay Time
td(off)
ID ^ 1.0 A, VGEN = 10 V,
RG = 6 Ω
25
40
Fall Time
tf
RG 6 Ω
10
15
Source−Drain Reverse Recovery Time
trr
IF = 1.1 A, di/dt = 100 A/µs
30
60
2. Surface Mounted on 1″ x 1″ FR4 Board.
3. Pulse Test: Pulse Width v 300 µs, Duty Cycle v 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - NTHS5402T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5404 ONSEMI-NTHS5404 Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
NTHS5404 ONSEMI-NTHS5404 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTHS5404T1 ONSEMI-NTHS5404T1 Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
NTHS5404T1G ONSEMI-NTHS5404T1G Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
More results

Similar Description - NTHS5402T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHD5902T1 ONSEMI-NTHD5902T1 Datasheet
204Kb / 8P
   Power MOSFET Dual N?묬hannel ChipFET
February, 2005 ??Rev. XXX
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com