Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193JAN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM193JAN
Description  Low Power Low Offset Voltage Dual Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193JAN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM193JAN Datasheet HTML 1Page - National Semiconductor (TI) LM193JAN Datasheet HTML 2Page - National Semiconductor (TI) LM193JAN Datasheet HTML 3Page - National Semiconductor (TI) LM193JAN Datasheet HTML 4Page - National Semiconductor (TI) LM193JAN Datasheet HTML 5Page - National Semiconductor (TI) LM193JAN Datasheet HTML 6Page - National Semiconductor (TI) LM193JAN Datasheet HTML 7Page - National Semiconductor (TI) LM193JAN Datasheet HTML 8Page - National Semiconductor (TI) LM193JAN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM193 JAN Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 30V, -VCC = 0V,
V
O = 15V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 2V, -VCC = -28V,
V
O = -13V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 5V, -VCC = 0V,
V
O = 1.4V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 2V, -VCC = -3V,
V
O = -1.6V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
I
IO
Input offset Current
+V
CC = 30V, -VCC = 0V,
V
O = 15V, RS = 20K
(Note 7)
-25
25
nA
1, 2
(Note 7)
-75
75
nA
3
+V
CC = 2V, -VCC = -28V,
V
O = -13V, RS = 20K
(Note 7)
-25
25
nA
1, 2
(Note 7)
-75
75
nA
3
+V
CC = 5V, -VCC = 0V,
V
O = 1.4V, RS = 20K
(Note 7)
-25
25
nA
1, 2
(Note 7)
-75
75
nA
3
+V
CC = 2V, -VCC = -3V,
V
O = -1.6V, RS = 20K
(Note 7)
-25
25
nA
1, 2
(Note 7)
-75
75
nA
3
±I
IB
Input Bias Current
+V
CC = 30V, -VCC = 0V,
V
O = 15V, RS = 20K
(Note 7)
-100
+0.1
nA
1, 2
(Note 7)
-200
+0.1
nA
3
+V
CC = 2V, -VCC = -28V,
V
O = -13V, RS = 20K
(Note 7)
-100
+0.1
nA
1, 2
(Note 7)
-200
+0.1
nA
3
+V
CC = 5V, -VCC = 0V,
V
O = 1.4V, RS = 20K
(Note 7)
-100
+0.1
nA
1, 2
(Note 7)
-200
+0.1
nA
3
+V
CC = 2V, -VCC = -3V,
V
O = -1.6V, RS = 20K
(Note 7)
-100
+0.1
nA
1, 2
(Note 7)
-200
+0.1
nA
3
CMRR
Input Voltage Common Mode
Rejection
2V
≤ +V
CC
≤ 30V,
-28V
≤ -V
CC
≤ 0V,
-13V
≤ V
O
≤ 15V
76
dB
1, 2, 3
2V
≤ +V
CC
≤ 5V,
-3V
≤ -V
CC
≤ 0V,
-1.6V
≤ V
O
≤ 1.4V
70
dB
1, 2, 3
I
CEX
Output Leakage Current
+V
CC = 30V, -VCC = 0V,
V
O = +30V
1.0
µA
1, 2, 3
+I
IL
Input Leakage Current
+V
CC = 36V, -VCC = 0V,
+V
I = 34V, -VI = 0V
-500
500
nA
1, 2, 3
-I
IL
Input Leakage Current
+V
CC = 36V, -VCC = 0V,
+V
I = 0V, -VI = 34V
-500
500
nA
1, 2, 3
V
OL
Logical "0" Output Voltage
+V
CC = 4.5V, -VCC = 0V,
I
O = 4mA
0.4
V
1
0.7
V
2, 3
+V
CC = 4.5V, -VCC = 0V,
I
O = 8mA
1.5
V
1
2.0
V
2, 3
I
CC
Power Supply Current
+V
CC = 5V, -VCC = 0V,
V
ID = 15mV
2.0
mA
1, 2
3.0
mA
3
+V
CC = 30V, -VCC = 0V,
V
ID = 15mV
3.0
mA
1, 2
4.0
mA
3
IO /
∆T
Temperature Coefficient of
Input Offset Voltage
25˚C
≤ T
A
≤ +125˚C
(Note 9)
-25
25
µV/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 9)
-25
25
µV/˚C
3
www.national.com
4


Similar Part No. - LM193JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193JAN TI1-LM193JAN Datasheet
555Kb / 17P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
LM193JAN TI1-LM193JAN_14 Datasheet
555Kb / 17P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM193JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com