Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR60H100CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR60H100CT
Description  SWITCHMODE Power Rectifier 100 V, 60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR60H100CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBR60H100CT Datasheet HTML 1Page - ON Semiconductor MBR60H100CT Datasheet HTML 2Page - ON Semiconductor MBR60H100CT Datasheet HTML 3Page - ON Semiconductor MBR60H100CT Datasheet HTML 4Page - ON Semiconductor MBR60H100CT Datasheet HTML 5Page - ON Semiconductor MBR60H100CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR60H100CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC = 133°C
IF(AV)
30
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 125°C
IFRM
60
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
350
A
Operating Junction Temperature (Note 1)
TJ
+175
°C
Storage Temperature
Tstg
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Controlled Avalanche Energy (see test conditions in Figures 10 and 11)
WAVAL
400
mJ
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
THERMAL CHARACTERISTICS
Maximum Thermal Resistance − Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
1.0
70
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 30 A, TC = 25°C)
(IF = 30 A, TC = 125°C)
(IF = 60 A, TC = 25°C)
(IF = 60 A, TC = 125°C)
vF
0.84
0.72
0.98
0.84
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 125°C)
(Rated DC Voltage, TC = 25°C)
iR
10
0.01
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR60H100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
138Kb / 7P
   SWITCHMODE??Power Rectifier
June, 2008 ??Rev. 3
logo
Inchange Semiconductor ...
MBR60H100CT ISC-MBR60H100CT Datasheet
220Kb / 2P
   Schottky Barrier Rectifier
logo
ON Semiconductor
MBR60H100CTG ONSEMI-MBR60H100CTG Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR60H100CTG ONSEMI-MBR60H100CTG Datasheet
138Kb / 7P
   SWITCHMODE??Power Rectifier
June, 2008 ??Rev. 3
More results

Similar Description - MBR60H100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com