Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3266FAP Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN3266FAP
Description  Video luminance signal recording/playback processing IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3266FAP Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN3266FAP Datasheet HTML 1Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 2Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 3Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 4Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 5Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 6Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 7Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ICs for VCR
AN3266FAP
7
s Electrical Characteristics at Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DOC pulse width
tW18
VIN = 350 mV[p-p] or 35.5
37.45
39.5
µs
0 mV[p-p]
fIN = 4 MHz
DOC SW crosstalk
CT16-17
Sine wave DOC off

−35
dB
VIN = 300 mV[p-p]
fIN = 100 kHz
Quasi V mute crosstalk
CT19-5
Sine wave

−35
dB
VIN = 1 V[p-p]
fIN = 2 MHz
SW1 crosstalk 1
CT19-5
Sine wave

−40
dB
VIN = 1 V[p-p]
fIN = 2 MHz
SW1 crosstalk 2
CT1-5
Sine wave

−40
dB
VIN = 250 mV[p-p]
fIN = 2 MHz
SW2 crosstalk 1
CT26-3
Sine wave PB 2 MHz

−40
dB
VIN = 350 mV[p-p]
REC 4 MHz
SW2 crosstalk 2
CT1-3
Sine wave

−40
dB
VIN = 250 mV[p-p]
fIN = 2 MHz
SW5 crosstalk 1
CT15-18
Sine wave

−40
dB
VIN = 250 mV[p-p]
fIN = 2 MHz
SW5 crosstalk 2
CT17-18
Sine wave

−40
dB
VIN = 300 mV[p-p]
fIN = 2 MHz
White mute crosstalk
CT1-5
Sine wave

−40 mV[p-p]
VIN = 300 mV[p-p]
fIN = 2 MHz
FM carrier interleave 2
∆V
20-18
Sine wave
4
7.5
1
mV
VIN = 5 V[0-p]
fIN = 2 MHz
Pi cont. off mode
∆G
19-5
Sine wave
4.4
5.9
7.4
dB
VIN = 1 V[p-p]
fIN = 3 MHz
SS pulse output amplitude
V29
White 100%
4.3

V[p-p]
VIN = 1 V[p-p]


Similar Part No. - AN3266FAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
   Building a thermometer using the STM8S-DISCOVERY
AN3261 STMICROELECTRONICS-AN3261 Datasheet
635Kb / 17P
   The Smart Reset
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
   Using the over-the-air bootloader with STM32W108 devices
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
   Handling hardware and software failures with the STM8S-DISCOVERY
AN3269 STMICROELECTRONICS-AN3269 Datasheet
217Kb / 19P
   This application note introduces some
More results

Similar Description - AN3266FAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
   Video Camera Luminance Signal Processing Circuit
logo
List of Unclassifed Man...
AN3211K ETC-AN3211K Datasheet
354Kb / 6P
   VTR RECORDING VIDEO SIGNAL PROCESSING CIRCUITS
logo
Panasonic Semiconductor
AN6306 PANASONIC-AN6306 Datasheet
200Kb / 3P
   VTR Recording Video Signal Processing Circuit
logo
Toshiba Semiconductor
TC90175XBG TOSHIBA-TC90175XBG Datasheet
407Kb / 8P
   Video signal processing IC
2018-07-02 Rev.1.00
logo
NTE Electronics
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7668N SANYO-LA7668N Datasheet
177Kb / 11P
   Video Signal Auto-White Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com