Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1327 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1327
Description  Wide Discriminator Monolithic IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1327 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1327 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1327 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MITSUMI
Wide Discriminator MM1327
Wide Discriminator
Monolithic IC MM1327
Outline
This IC identifies the letter box portion of wide broadcast, etc. video signals. The luminance and chroma
signals are used so that the rate of identification on dark screens is increased. Output is the total of 6bit ADC
data and character signal, etc. white peak signal discriminator bit, for 7bit data output.
In addition, an EDTV2 simple discrimination function is built-in.
Features
1. Signal level discrimination using composite luminance and chroma signal
2. Discrimination of video signal within horizontal scanning interval can be done every scan due to integrated
output
3. Built-in white peak detection circuit for subtitles
4. Built-in EDTV2 simple discrimination function
5. 22H discrimination output (COMB-THROUGH) circuit built-in
6. Built-in window limiter circuit
7. Data output is 7bit serial output format : 6bit ADC + peak detection
8. Operates on +5V single power supply
Package
SDIP-30
Applications
Wide TV


Similar Part No. - MM1327

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
MM13202.0N MITSUMI-MM13202.0N Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
MM13202.1N MITSUMI-MM13202.1N Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
MM13202.2N MITSUMI-MM13202.2N Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
MM13202.3N MITSUMI-MM13202.3N Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
More results

Similar Description - MM1327

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
logo
Vectron International, ...
QD10.7-4000 VECTRON-QD10.7-4000 Datasheet
65Kb / 1P
   Monolithic discriminator dual
QD21.4-2800 VECTRON-QD21.4-2800 Datasheet
65Kb / 1P
   Monolithic discriminator dual
logo
Rohm
BA7025L ROHM-BA7025L Datasheet
155Kb / 6P
   SECAM discriminator IC
logo
Vectron International, ...
QD10.7-2800 VECTRON-QD10.7-2800 Datasheet
65Kb / 1P
   Monolithic discriminator dual
QD21.4-4000 VECTRON-QD21.4-4000 Datasheet
65Kb / 1P
   Monolithic discriminator dual
logo
Infineon Technologies A...
TCA965B INFINEON-TCA965B Datasheet
134Kb / 17P
   Window Discriminator(Bipolar IC)
1998-02-10
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
   Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
   Discriminator
660-4.5M OSCILENT-660-4.5M Datasheet
142Kb / 2P
   Discriminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com