Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DL3216V Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3DL3216V
Description  16Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DL3216V Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED3DL3216V Datasheet HTML 2Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 3Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 4Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 5Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 6Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 7Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 8Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 9Page - White Electronic Designs Corporation WED3DL3216V Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DL3216V
January, 2004
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
COMMAND TRUTH TABLE
NOTES:
1.
All of the SDRAM operations are defined by states of CE#, WE#, RAS#, CAS#, and DQM at the positive rising edge of the clock.
2.
Bank Select (BA), if BA = 0 then bank A is selected, if BA = 1 then bank B is selected.
3.
During a Burst Write cycle there is a zero clock delay, for a Burst Read cycle the delay is equal to the CAS latency.
4.
During normal access mode, CKE is held high and CK is enabled. When it is low, it freezes the internal clock and extends data Read and
Write operations. One clock delay is required for mode entry and exit.
5.
The DQM has two functions for the data DQ Read and Write operations. During a Read cycle, when DQM goes high at a clock timing the
data outputs are disabled and become high impedance after a two clock delay. DQM also provides a data mask function for Write cycles.
When it activates, the Write operation at the clock is prohibited (zero clock latency).
All banks must be precharged before entering the Power Down Mode. The Power Down Mode does not preform any Refresh operations,
therefore the device can’t remain in this mode longer than the Refresh period (tREF) of the device. One clock delay is required for mode
entry and exit.
Function
CKE
CE#
RAS# CAS# WE#
DQM
BA
A0-A10
A12, A11,
Notes
Previous
Cycle
Current
Cycle
Register Mode Register Set
H
X
L
L
L
L
X
OP CODE
Refresh Auto Refresh (CBR)
H
H
L
L
L
H
X
X
X
X
Entry Self Refresh
H
L
L
L
L
H
X
X
X
X
Precharge Single Bank Precharge
H
X
L
L
H
L
X
BA
L
X
2
Precharge all Banks
H
X
L
L
H
L
X
X
H
X
Bank Activate
H
X
L
L
H
H
X
BA
Row Address
2
Write
H
X
L
H
L
L
X
BA
L
Column
2
Write with Auto Precharge
H
X
L
H
L
L
X
BA
H
Column
2
Read
H
X
L
H
L
L
X
BA
L
Column
2
Read with Auto Precharge
H
X
L
H
L
H
X
BA
H
Column
2
Burst Termination
H
X
L
H
H
L
X
X
X
X
3
No Operation
H
X
L
H
H
H
X
X
X
X
Device Deselect
H
X
H
X
X
X
X
X
X
X
Clock Suspend/Standby Mode
L
X
X
X
X
X
X
X
X
X
4
Data Write/Output Disable
H
X
X
X
X
X
L
X
X
X
5
Data Mask/Output Disable
H
X
X
X
X
X
H
X
X
X
5
Power Down Mode
Entry
X
L
H
X
X
X
X
X
X
X
6
Exit
X
H
H
X
X
X
X
X
X
X
6


Similar Part No. - WED3DL3216V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
WED3DL328V10BC WEDC-WED3DL328V10BC Datasheet
1Mb / 27P
   8Mx32 SDRAM
WED3DL328V10BI WEDC-WED3DL328V10BI Datasheet
1Mb / 27P
   8Mx32 SDRAM
WED3DL328V7BC WEDC-WED3DL328V7BC Datasheet
1Mb / 27P
   8Mx32 SDRAM
WED3DL328V7BI WEDC-WED3DL328V7BI Datasheet
1Mb / 27P
   8Mx32 SDRAM
More results

Similar Description - WED3DL3216V

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DS113222FM HYNIX-HY5DS113222FM Datasheet
431Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DW113222FMP HYNIX-HY5DW113222FMP Datasheet
300Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5FS123235AFCP HYNIX-HY5FS123235AFCP Datasheet
1Mb / 74P
   512M (16Mx32) GDDR4 SDRAM
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
   SDRAM
TM50S116T ETC-TM50S116T Datasheet
784Kb / 6P
   SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com