Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR9907 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ITR9907
Description  Reflective Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9907 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ITR9907 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR9907 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DRX-907-112
REV :
1.0
ECN :
PAGE :
3/7
Reflective Interrupter
MODEL NO :
ITR9907
Absolute Maximum Ratings at TA = 25℃
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current(*1)
IFP
1.0
A
Collect Power Dissipation
Pc
75
mW
Collect Current
Ic
20
mA
Collector-Emitter Voltage
VCE
30
V
Output
Emitter-Collector Voltage
VEC
5
V
Operating Temperature
Topr
-25~+85
Storage Temperature
Tstg
-40~+85
Soldering Temperature(*2)
Tsol
260
(*1) Pause width= 100
μ
s, Duty Cycle=1%
(*2)
t=5 secs
Electronic Optical Characteristics at TA = 25℃:
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF1
-
1.2
1.6
V
IF=20mA
Reverse Current
IR
-
-
10
µA
VR=5V
Input
Peak Wavelength
λP
-
940
-
nm
---
Dark Current
ICEO
-
-
100
nA
VCE=20V,Ee=0mW/cm2
Output
C-E Saturation
Voltage
VCE(sat)
-
-
0.4
V
IC=2mA,IB=0.1mA
Collect Current
IC(ON)A
50
-
-
µA
VCE=5V,IF=5mA
Rise Time
tR
-
15
-
µs
Response
Time
Fall Time
tF
-
15
-
µs
VCE=2V,IC=1mA,RL=1KΩ


Similar Part No. - ITR9907

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
More results

Similar Description - ITR9907

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
   Reflective Interrupter
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
   Reflective Interrupter
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
   Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
   Reflective Interrupter
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9202 OSRAM-SFH9202 Datasheet
321Kb / 11P
   Reflexlichtschranke Reflective Interrupter
logo
KODENSHI_AUK CORP.
KPI-3020R KODENSHI-KPI-3020R Datasheet
102Kb / 1P
   Photo Interrupter(Reflective)
logo
OSRAM GmbH
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
   Reflective Interrupter with Schmitt-Trigger
logo
KODENSHI_AUK CORP.
KIR-1001A KODENSHI-KIR-1001A Datasheet
214Kb / 1P
   Reflective Photo Interrupter Perception Color
logo
OSRAM GmbH
SFH9240 OSRAM-SFH9240 Datasheet
301Kb / 10P
   Reflective Interrupter with Schmitt-Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com