Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLLZ6V8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCLLZ6V8
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ6V8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCLLZ6V8 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2003 / B
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW LL-34 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +200
°C
Operating Junction Temperature
+200
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 56 Volts
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads are readily solderable
1
st band indicates negative polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TCLLZ2V0
2.0
5
100
120
0.5
TCLLZ2V2
2.2
5
100
120
0.7
TCLLZ2V4
2.4
5
100
120
1
TCLLZ2V7
2.7
5
110
100
1
TCLLZ3V0
3.0
5
120
50
1
TCLLZ3V3
3.3
5
120
20
1
TCLLZ3V6
3.6
5
100
10
1
TCLLZ3V9
3.9
5
100
5
1
TCLLZ4V3
4.3
5
100
5
1
TCLLZ4V7
4.7
5
80
5
1
TCLLZ5V1
5.1
5
80
5
1.5
TCLLZ5V6
5.6
5
60
5
2.5
TCLLZ6V2
6.2
5
60
5
3
TCLLZ6V8
6.8
5
20
2
3.5
TCLLZ7V5
7.5
5
20
0.5
4
TCLLZ8V2
8.2
5
20
0.5
5
TCLLZ9V1
9.1
5
25
0.5
6
TCLLZ10V
10
5
30
0.2
7
TCLLZ11V
11
5
30
0.2
8
TCLLZ12V
12
5
30
0.2
9
TCLLZ13V
13
5
35
0.2
10
TCLLZ15V
15
5
40
0.2
11
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Blue
SURFACE MOUNT
LL34


Similar Part No. - TCLLZ6V8

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLLZ6V8 TAK_CHEONG-TCLLZ6V8 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ6V8 TAK_CHEONG-TCLLZ6V8 Datasheet
446Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Guangdong Juxing Electr...
TCLLZ6V8 JUXING-TCLLZ6V8 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results

Similar Description - TCLLZ6V8

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com