Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF2EB-4M-12V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # NF2EB-4M-12V
Description  FLATPACK RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NF2EB-4M-12V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  NF2EB-4M-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NF2EB-4M-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NF2EB-4M-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NF
200
REFERENCE DATA
1. Life curve
2. Coil temperature rise (resistance method)
3. H2S gas test
0.5
1
1.5
2
2.5
10
100
1,000
30 V DC Resistive
Load current, A
0.2
0.4
0.6
0.8
1.0
1.2 1.4
20
40
60
Operating power, W
Exposure time, hrs
50m
100m
500m
1
5
10
50
100
20 50 100 200 1,000
2,000
500
Gas density:
2 to 5 ppm
Temperature: 40
°C
Humidity: 90%
Sealed NFEB relay
4. Contact reliability
Test conditions:
1. Contact current/voltage: 10 µA 100 mV 1 kHz
2. Cycle rate 20 cps.
3. Miscontact detection level: 1 mW (= 100 Ohm)
4. Detection method: Observation of all changeover
contacts
Test result:
m = 1.5
m = 21.2 x 106
95% confidence level = 3.1 x 106
17 contacts out of 20 achieved 10 million no miscon-
tact operations.
0.1
0.5 1.0
5.0 10.0
50 100
0.1
0.2
0.15
0.3
0.4
0.5
1.0
1.5
2.0
3.0
4.0
5.0
10.0
20.0
25.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
95.0
99.0
99.9
15.0
No. of operations,
×106
F(t)(%)
5. High temperature test
Test conditions:
Ambient temperature: 80°C ±2°C
Test method:
1. All contacts were switched for 100 operations on 2
A 30 V DC resistive load.
2. Samples then were exposed to 80°C temperature
for 5,000 hours, continuous
3. Contact resistance was measured with Hewlett-
Packard testing equipment.
Test result:
Amber relays showed a stable spread of contact resis-
tance within the initially specified 50 mW after 5,000
hours exposure.
100 200 300 400 500 1,000
5,000
3,000
0
10
20
30
40
50
60
70
Exposure, hrs.
N.C. contacts
N.O. contacts
Min.
Max.
Min.
Max.
NOTES
1. Prevention of vibration and shock
To reduce the likelihood of vibration and
shock, we recommend that you install so
that the contact action is not in the direc-
tion of gravity.
Top
Common terminal
Coil terminal
NC terminal
NO terminal
Bottom
 2001 Matsushita Electric Works Group Europe
For Cautions for Use, see Relay Technical Information.


Similar Part No. - NF2EB-4M-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NF2EB-12V PANASONIC-NF2EB-12V Datasheet
204Kb / 3P
   FLATPACK RELAY
More results

Similar Description - NF2EB-4M-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NF2EB-12V PANASONIC-NF2EB-12V Datasheet
204Kb / 3P
   FLATPACK RELAY
NF4EB-12V-A PANASONIC-NF4EB-12V-A Datasheet
204Kb / 3P
   FLATPACK RELAY
logo
PIC GmbH
PIC-MSM-324 PIC-PIC-MSM-324 Datasheet
21Kb / 1P
   Flatpack Magnet
PIC-MSM-328 PIC-PIC-MSM-328 Datasheet
21Kb / 1P
   Flatpack Magnet
PIC-MSM-332 PIC-PIC-MSM-332 Datasheet
58Kb / 1P
   Flatpack Magnet
MSM-324 PIC-MSM-324 Datasheet
68Kb / 1P
   Flatpack Magnet
MSM-328 PIC-MSM-328 Datasheet
71Kb / 1P
   Flatpack Magnet
MSM-332 PIC-MSM-332 Datasheet
63Kb / 1P
   Flatpack Magnet
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
   Flatpack Hybrid Junction
logo
DB Lectro Inc
MS-332-3 DBLECTRO-MS-332-3 Datasheet
32Kb / 2P
   Standard Reed Sensor ??Flatpack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com