Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLLZ11V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TCLLZ11V
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ11V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TCLLZ11V Datasheet HTML 1Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ11V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
March 2003 / B
Page 4
SEMICONDUCTOR
TAK CHEONG
®
Tape & Ammo Packaging Information
Tape & Ammo
Outline
Quantity Per Ammo
Box
PKG Type
Quantity Per Box
DO-35
5,000
Taping Dimensions
Description
Millimeters
Standard Width
52
26
Tape Spacing (B)
52 ± 0.69
26 +0.5 / -0
Component Pitch (C)
5.08 ± 0.4
5.08 ± 0.4
Untaped Lead (L1 – L2)
± 0.69
± 0.69
Glass Offset (F)
± 0.69
± 0.69
Bent (D)
1.2 Max
1.2 Max
Tape Width (G)
6.138 ± 0.576
6.138 ± 0.576
Tape Mismatch (E)
0.55 Max
0.55 Max
Taped Lead (G)
3.2 Min
3.2 Min
Lead Beyond Tape (H)
0
0
250mm x 80mm x 80mm


Similar Part No. - TCLLZ11V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLLZ11V TAK_CHEONG-TCLLZ11V Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ11V TAK_CHEONG-TCLLZ11V Datasheet
446Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Guangdong Juxing Electr...
TCLLZ11V JUXING-TCLLZ11V Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results

Similar Description - TCLLZ11V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com