Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3013NT1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMG3013NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3013NT1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMG3013NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3013NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMG3013NT1
7
RF Device Data
Freescale Semiconductor
50 OHM APPLICATION CIRCUIT: 800-3600 MHz
Figure 17. 50 Ohm Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
Z1
Z2
C1
Z5
C2
R1
L1
VCC
Z4
Z3
DUT
Figure 18. S21, S11 and S22 versus Frequency
−30
30
f, FREQUENCY (MHz)
VCC = 5 Vdc
ICC = 90 mA
S22
1200
20
10
0
−10
−20
Figure 19. 50 Ohm Test Circuit Component Layout
C1
L1
C2
R1
C4
C3
Z1, Z5
0.347″ x 0.058″ Microstrip
Z2
0.575″ x 0.058″ Microstrip
Z3
0.172″ x 0.058″ Microstrip
Z4
0.403″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr = 4.1
S21
S11
1600
800
2000
2400
2800
3200
3600
MMG30XX
Rev 2
Table 9. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
150 pF Chip Capacitors
0603A151JAT2A
AVX
C3
0.1 µF Chip Capacitor
0603A102JAT2A
AVX
C4
1 µF Chip Capacitor
0603A105JAT2A
AVX
L1
56 nH Chip Inductor
HK160856NJ-T
Taiyo Yuden
R1
0 W Chip Resistor
ERJ3GEY0R00V
Panasonic


Similar Part No. - MMG3013NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3013NT1 FREESCALE-MMG3013NT1 Datasheet
349Kb / 15P
   Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3013NT1 NXP-MMG3013NT1 Datasheet
403Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 7, 2/2012
logo
Freescale Semiconductor...
MMG3013NT1 FREESCALE-MMG3013NT1_08 Datasheet
312Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3013NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com