Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3111N541A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R3111N541A
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111N541A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R3111N541A Datasheet HTML 1Page - RICOH electronics devices division R3111N541A Datasheet HTML 2Page - RICOH electronics devices division R3111N541A Datasheet HTML 3Page - RICOH electronics devices division R3111N541A Datasheet HTML 4Page - RICOH electronics devices division R3111N541A Datasheet HTML 5Page - RICOH electronics devices division R3111N541A Datasheet HTML 6Page - RICOH electronics devices division R3111N541A Datasheet HTML 7Page - RICOH electronics devices division R3111N541A Datasheet HTML 8Page - RICOH electronics devices division R3111N541A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev.1.10
- 4 -
s PIN CONFIGURATION
q
TO-92
q
SOT-89
q
SOT-23-5
q
SC-82AB
12
3
(mark side)
12
3
(mark side)
123
54
(mark side)
43
12
(mark side)
s PIN DESCRIPTION
q
TO-92
q
SOT-89
q
SOT-23-5
q
SC-2AB
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1VDD
1
OUT
1
OUT
1
OUT
2
GND
2
VDD
2VDD
2VDD
3
OUT
3
GND
3
GND
3
NC
4
NC
4
GND
5NC
s ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage
12
V
VOUT1
Output Voltage (CMOS)
VSS-0.3 to VDD+0.3
V
VOUT2
Output Voltage (Nch)
VSS-0.3 to 12
V
IOUT
Output Current
70
mA
PD
Power Dissipation 1*
Note1
300
mW
PD
Power Dissipation 2*
Note2
150
mW
Topt
Operating Temperature
Range
-40 to 85
°C
Tstg
Storage Temperature
Range
-55 to 125
°C
Tsolder
Lead temperature
(Soldering)
260
°C, 10s
*Note 1: applied to SOT-89 and TO-92
*Note 2: applied to SOT-23-5 and SC-82AB


Similar Part No. - R3111N541A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111N541A RICOH-R3111N541A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111N541A RICOH-R3111N541A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111N541A-T1 RICOH-R3111N541A-T1 Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111N541A-TR RICOH-R3111N541A-TR Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111N541A-TZ RICOH-R3111N541A-TZ Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111N541A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com