Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC16V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC16V
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC16V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC16V Datasheet HTML 1Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 2Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 3Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 4Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 5Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 6Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 7Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 8Page - List of Unclassifed Manufacturers TC16V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
March 2003 / B
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TC16V
16
5
40
0.2
12
TC18V
18
5
45
0.2
13
TC20V
20
5
45
0.2
15
TC22V
22
5
30
0.2
17
TC24V
24
5
35
0.2
19
TC27V
27
5
45
0.2
21
TC30V
30
5
55
0.2
23
TC33V
33
5
65
0.2
25
TC36V
36
5
75
0.2
27
TC39V
39
5
85
0.2
30
TC43V
43
5
90
0.2
33
TC47V
47
5
90
0.2
36
TC51V
51
5
110
0.2
39
TC56V
56
5
110
0.2
43
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1.
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of 5%.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Ordering Information
Device
Package
Quantity
TCxxx
Bulk
10,000
TCxxx.TB
Tape and Ammo
5,000
TCxxx.TR
Tape and Reel
10,000
TCxxx
Others (…contact Tak Cheong sales representatives)
Axial-Lead Tape Packaging Standards
This axial-lead component’s packaging requirements use in automatic testing and assembly equipment. And this standard practices for
lead-tape packaging of axial-lead components meets the requirements of EIA Standard RS-296-D “Lead-taping of Components on Axial
Lead Configuration for Automatic Insertion”.
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)


Similar Part No. - TC16V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC16V TAK_CHEONG-TC16V Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TC16V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com