Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37150MF-XXXFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37150MF-XXXFP
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150MF-XXXFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37150MF-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M37150MF-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
REJ03B0128-0100Z
Rev.1.00
Nov 01, 2002
Rev.1.00
Nov 01, 2002
page 1 of 139
REJ03B0128-0100Z
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
1. DESCRIPTION
The M37150M6/M8/MA/MC/MF-XXXFP and M37150EFFP are
single-chip microcomputers designed with CMOS silicon gate tech-
nology. They have an OSD, data slicer, and I2C-BUS interface, mak-
ing them perfect for TV channel selection systems with a closed cap-
tion decoder. The M37150EFFP has a built-in PROM that can be
written electrically.
2. FEATURES
●Number of basic instructions .................................................... 71
●Memory size
ROM .............. 24K bytes
(M37150M6-XXXFP)
32K bytes
(M37150M8-XXXFP)
40K bytes
(M37150MA-XXXFP)
48K bytes
(M37150MC-XXXFP)
60K bytes
(M37150MF-XXXFP, M37150EFFP)
RAM ............... 1024 bytes
(M37150M6-XXXFP)
1152 bytes
(M37150M8-XXXFP)
1472 bytes
(M37150MA-XXXFP, M37150MC-XXXFP)
2048 bytes
(M37150MF-XXXFP, M37150EFFP)
(*ROM correction memory included)
●Minimum instruction execution time
................................ 0.447
µs (at 3.58 MHz oscillation frequency)
................................ 0.451
µs (at 4.43 MHz oscillation frequency)
●Power source voltage ................................................. 5 V ± 10 %
●Subroutine nesting ............................................. 128 levels (Max.)
●Interrupts ....................................................... 17 types, 16 vectors
●8-bit timers .................................................................................. 6
●Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25
●Serial I/O ............................................................ 8-bit ✕ 1 channel
●Multi-master I2C-BUS interface .............................. 1 (3 systems)
●A-D comparator (7-bit resolution) ................................ 8 channels
●PWM output circuit ......................................................... 8-bit ✕ 5
●Power dissipation
In high-speed mode ......................................................... 165 mW
(at VCC = 5.5V, FSCIN = 3.58 MHz, OSD on, and Data slicer on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
●Closed caption data slicer
●ROM correction function ................................................ 2 vectors
●OSD function
Display characters ................................... 32 characters ✕ 2 lines
(3 lines or more can be displayed by software)
Kinds of characters ........................................................ 254 kinds
(coloring unit)
(per charactor unit)
Character display area ............................ CC mode: 16 ✕ 26 dots
OSD mode: 16 ✕ 20 dots
Kinds of character sizes ..................................... CC mode: 1 kind
OSD mode: 8 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position
Horizontal: 128 levels
Vertical: 512 levels
Attribute ........................................................................................
CC mode: smooth italic, underline, flash, automatic solid space
OSD mode: border
Smoth roll-up
Window function
3. APPLICATION
TV with closed caption decoder


Similar Part No. - M37150MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150MF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com