Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70MT160PB Datasheet(PDF) 4 Page - International Rectifier

Part # 70MT160PB
Description  THREE PHASE BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70MT160PB Datasheet(HTML) 4 Page - International Rectifier

  70MT160PB Datasheet HTML 1Page - International Rectifier 70MT160PB Datasheet HTML 2Page - International Rectifier 70MT160PB Datasheet HTML 3Page - International Rectifier 70MT160PB Datasheet HTML 4Page - International Rectifier 70MT160PB Datasheet HTML 5Page - International Rectifier 70MT160PB Datasheet HTML 6Page - International Rectifier 70MT160PB Datasheet HTML 7Page - International Rectifier 70MT160PB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MTP 3-Phase Rectifier Series
4
Bulletin I27145 rev. B 06/02
www.irf.com
Outline Table
MT...PA
(Flat pin)
Dimensions in millimeters
MT...PB
(Round pin)
Dimensions in millimeters


Similar Part No. - 70MT160PB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70MT160PB IRF-70MT160PB Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
70MT160PBPBF VISHAY-70MT160PBPBF Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
More results

Similar Description - 70MT160PB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0014 SSDI-RA0014 Datasheet
58Kb / 2P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
   Three Phase Bridge
Revision: 09-Apr-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com