Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9513AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9513AD
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9513AD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9513AD Datasheet HTML 1Page - NXP Semiconductors PCA9513AD Datasheet HTML 2Page - NXP Semiconductors PCA9513AD Datasheet HTML 3Page - NXP Semiconductors PCA9513AD Datasheet HTML 4Page - NXP Semiconductors PCA9513AD Datasheet HTML 5Page - NXP Semiconductors PCA9513AD Datasheet HTML 6Page - NXP Semiconductors PCA9513AD Datasheet HTML 7Page - NXP Semiconductors PCA9513AD Datasheet HTML 8Page - NXP Semiconductors PCA9513AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
4 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
Fig 2.
Block diagram of PCA9514A
002aab681
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
CONNECT
CONNECT
2 mA
2 mA
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
CONNECT
CONNECT
2 mA
2 mA
SDAIN
SCLIN
0.5 pF
SCLOUT
RD
S
QB
UVLO
20 pF
0.55VCC/
0.45VCC
0.5
µA
STOP BIT AND
BUS IDLE
0.55VCC/
0.45VCC
100
µs
DELAY
UVLO
ENABLE
SDAOUT
VCC
CONNECT
CONNECT
READY
GND
PCA9514A


Similar Part No. - PCA9513AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9513AD NXP-PCA9513AD Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9513ADP NXP-PCA9513ADP Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
More results

Similar Description - PCA9513AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com