Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9514AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9514AD
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9514AD Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9514AD Datasheet HTML 1Page - NXP Semiconductors PCA9514AD Datasheet HTML 2Page - NXP Semiconductors PCA9514AD Datasheet HTML 3Page - NXP Semiconductors PCA9514AD Datasheet HTML 4Page - NXP Semiconductors PCA9514AD Datasheet HTML 5Page - NXP Semiconductors PCA9514AD Datasheet HTML 6Page - NXP Semiconductors PCA9514AD Datasheet HTML 7Page - NXP Semiconductors PCA9514AD Datasheet HTML 8Page - NXP Semiconductors PCA9514AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
5 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
Refer to Figure 1 “Block diagram of PCA9513A” and Figure 2 “Block diagram of
PCA9514A”.
8.1 Start-up
An undervoltage and initialization circuit holds the parts in a disconnected state which
presents high-impedance to all SDAn and SCLn pins during power-up. A LOW on the
ENABLE pin also forces the parts into the low current disconnected state when the ICC is
essentially zero. As the power supply is brought up and the ENABLE is HIGH or the part is
powered and the ENABLE is taken from LOW to HIGH it enters an initialization state
where the internal references are stabilized and the 92
µA input pull-ups (on the
PCA9513A) is enabled. At the end of the initialization state the ‘Stop Bit And Bus Idle’
detect circuit is enabled. With the ENABLE pin HIGH long enough to complete the
initialization state (ten) and remaining HIGH when all the SDAn and SCLn pins have been
Fig 3.
Pin configuration for SO8
Fig 4.
Pin configuration for TSSOP8
(MSOP8)
PCA9513AD
PCA9514AD
ENABLE
VCC
SCLOUT
SDAOUT
SCLIN
SDAIN
GND
READY
002aab676
1
2
3
4
6
5
8
7
PCA9513ADP
PCA9514ADP
ENABLE
VCC
SCLOUT
SDAOUT
SCLIN
SDAIN
GND
READY
002aab677
1
2
3
4
6
5
8
7
Table 3:
Pin description
Symbol
Pin
Description
ENABLE
1
Chip enable. Grounding this input puts the part in a Low current (< 1
µA)
mode. It also disables the rise time accelerators, isolates SDAIN from
SDAOUT and isolates SCLIN from SCLOUT.
SCLOUT
2
serial clock output to and from the SCL bus on the card
SCLIN
3
serial clock input to and from the SCL bus on the backplane
GND
4
Ground. Connect this pin to a ground plane for best results.
READY
5
open-drain output which pulls LOW when SDAIN and SCLIN are
disconnected from SDAOUT and SCLOUT, and goes HIGH when the two
sides are connected
SDAIN
6
serial data input to and from the SDA bus on the backplane
SDAOUT
7
serial data output to and from the SDA bus on the card
VCC
8
power supply


Similar Part No. - PCA9514AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9514AD NXP-PCA9514AD Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9514ADP NXP-PCA9514ADP Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
More results

Similar Description - PCA9514AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com