Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVT8980AW Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54LVT8980AW
Description  EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTER WITH 8-BIT GENERIC HOST INTERFACES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVT8980AW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LVT8980AW Datasheet HTML 5Page - Texas Instruments SN54LVT8980AW Datasheet HTML 6Page - Texas Instruments SN54LVT8980AW Datasheet HTML 7Page - Texas Instruments SN54LVT8980AW Datasheet HTML 8Page - Texas Instruments SN54LVT8980AW Datasheet HTML 9Page - Texas Instruments SN54LVT8980AW Datasheet HTML 10Page - Texas Instruments SN54LVT8980AW Datasheet HTML 11Page - Texas Instruments SN54LVT8980AW Datasheet HTML 12Page - Texas Instruments SN54LVT8980AW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
SN54LVT8980A, SN74LVT8980A
EMBEDDED TEST BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8BIT GENERIC HOST INTERFACES
SCBS755B − APRIL 2002 − REVISED MARCH 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TDO
TMS
TCK
TDI
To
Other
Modules
Active Backplane (Motherboard)
Plug-In Module
’LVT8980A
eTBC
ASP
IEEE
Std
1149.1-Compliant
Device Chain
TRST
Plug-In Module
ASP
IEEE
Std
1149.1-Compliant
Device Chain
Plug-In Module
ASP
IEEE
Std
1149.1-Compliant
Device Chain
Figure 5. Active-Backplane (Motherboard) Application
architecture
Conceptually, the eTBC can be viewed as an IEEE Std 1149.1 coprocessor/accelerator that operates in
conjunction with (and under the control of) a host microprocessor/microcontroller. The eTBC implements this
function using an 8-bit generic host interface and a scan-test-based command/control architecture. As shown
in the functional block diagram, beyond these fundamental elements and another central block supporting
discrete-control mode, the eTBC functions are accomplished in four additional blocks—one for each of the
required TAP signals—a TCK generator, a TAP-state (TMS) generator, a TDO buffer, and a TDI buffer.
host interface
The eTBC host interface is implemented generically on an 8-bit read/write data bus (D7−D0). Three address
(A2−A0) pins directly index the eTBC’s eight read/write registers: configurationA, configurationB, status,
command, TDO buffer, TDI buffer, counter, and discrete control. The register address map is given in Table 1.
host access timing
Host access timing is asynchronous to the clock input (CLKIN) and is fully controlled by the read/write strobe
(STRB). The read/write select (R/W) serves to control the direction of data flow on the bidirectional data bus.
Figure 6 shows the read access timing, while Figure 7 shows the write access timing. As shown, for either read
or write access, R/W and address signals should be held constant while STRB is low.
For read access (R/W high), the eTBC data bus outputs are made active, on the falling edge of STRB, to drive
the data contained in the eTBC register selected by address (A2−A0). Otherwise, when STRB is high, the eTBC
data outputs are at high impedance. Therefore, in many applications, the R/W signal can be shared with other
host peripherals (ROM or RAM, for example), while the STRB signal is generated separately (by discrete
chip-select signals available from the host or a decode logic) for each required peripheral.


Similar Part No. - SN54LVT8980AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT8980A TI1-SN54LVT8980A Datasheet
871Kb / 38P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS
SN54LVT8980A TI1-SN54LVT8980A_14 Datasheet
871Kb / 38P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS
More results

Similar Description - SN54LVT8980AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT8980 TI-SN54LVT8980_06 Datasheet
576Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54LVT8980 TI-SN54LVT8980 Datasheet
495Kb / 34P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN74LVT8980A-EP TI1-SN74LVT8980A-EP Datasheet
828Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLER IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54ACT8990 TI-SN54ACT8990_07 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
[Old version datasheet]   SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com