Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72275L10PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72275L10PF
Description  CMOS SUPERSYNC FIFO?
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72275L10PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72275L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72275L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
COMMERCIAL TEMPERATURE RANGE
IDT72275/72285 SUPERSYNC FIFO™
32,768 x 18, 65,536 x 18
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage
–0.5 to +7
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
NOTES:
1. With output deselected, (
OE ≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
VIL
(1)
Input Low Voltage
0.8
V
TA
Operating Temperature
0
70
°C
Commercial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72275
IDT72285
Commercial
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(1)
Input Leakage Current
–1
1
µA
ILO
(2)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(3,4,5)
Active Power Supply Current
90
mA
ICC2
(3,6)
Standby Current
20
mA
NOTES
:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE VIH, 0.4 ≤ VOUT ≤ VCC.
3. Tested with outputs open (IOUT = 0).
4. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
5. Typical ICC1 = 20 + 1.8*fS + 0.02*CL*fS (in mA) with VCC = 5V, tA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels),
data switching at fS/2, CL = capacitive load (in pF).
6. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.


Similar Part No. - IDT72275L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72271 IDT-IDT72271 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72271L10G IDT-IDT72271L10G Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72271L10GB IDT-IDT72271L10GB Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72271L10PF IDT-IDT72271L10PF Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72271L10PFB IDT-IDT72271L10PFB Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
More results

Similar Description - IDT72275L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com