Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7531SA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN7531SA
Description  Headphone amplifier IC for portable equipment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7531SA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN7531SA Datasheet HTML 1Page - Panasonic Semiconductor AN7531SA Datasheet HTML 2Page - Panasonic Semiconductor AN7531SA Datasheet HTML 3Page - Panasonic Semiconductor AN7531SA Datasheet HTML 4Page - Panasonic Semiconductor AN7531SA Datasheet HTML 5Page - Panasonic Semiconductor AN7531SA Datasheet HTML 6Page - Panasonic Semiconductor AN7531SA Datasheet HTML 7Page - Panasonic Semiconductor AN7531SA Datasheet HTML 8Page - Panasonic Semiconductor AN7531SA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN7531SA
5
SDC00038CEB
PO , THD  VIN (ALC: On)
GV  frequency
Beep
 V
IN
GV  VCC
0
110
1.0
5.0
3.0
Power supply voltage V
CC (V)
4.5
2.5
1.5
3.5
4.0
2.0
10
20
30
40
50
60
70
80
90
100
f
= 1 kHz
THD
= 10%
RL
= 16 Ω
Both ch. input
Rg
= 10 kΩ
STB
= V
CC
Mute
= 0 V
ALC
= Off
BST
= Off
ATT
= Off
CCUP
= Off
Ch.1, Ch.2
0.01
100.00
10.00
1.00
0.10
10
1
0.1
100
Output power P
O (mW)
VCC
= 2.4 V
f
= 1 kHz
RL
= 16 Ω
Both ch. input
Rg
= 10 kΩ
A-curve filter
STB
= V
CC
Mute
= 0 V
ALC
= Off
BST
= Off
ATT
= Off
CCUP
= Off
100 Hz ch.1, ch.2
10 kHz ch.1, ch.2
1 kHz ch.1, ch.2
−50
0
−70
0
Input voltage V
IN (dBV)
−45
0
10
−60
−40
−35
−30
−25
−20
−15
−10
2
4
6
8
−5
−50
−40
−30
−20
−10
VO (ALC : Off)
THD (ALC : Off)
THD (ALC : On)
VO (ALC : On)
VCC
= 2.4 V
f
= 1 kHz
RL
= 16 Ω
Both ch. input
Rg
= 10 kΩ
STB
= V
CC
Mute
= 0 V
ALC
= Off/on
BST
= Off
ATT
= Off
CCUP
= Off
100k
10k
1k
10
100
Frequency f (Hz)
−40
−10
−35
−30
−25
−20
−15
VCC
= 2.4 V
VIN
= −46 dBV
RL
= 16 Ω
Both ch. input
Rg
= 10 kΩ
STB
= V
CC
Mute
= 0 V
ALC
= Off
BST
= On/off
ATT
= Off
CCUP
= Off
GV (BST : On)
GV (BST : Off)
−100
0
0
1 600
Beep input voltage V
BEEP-IN (mV[p-p])
−90
200
−80
−70
−60
−50
−40
−30
−20
−10
400
600
800 1 000 1 200 1 400
VBEEP (ch.1 Mute : Off)
VBEEP (ch.2 Mute : Off)
VCC
= 2.4 V
VIN
= 0 mV
RL
= 16 Ω
Rg
= 10 kΩ
STB
= V
CC
Mute
= 0 V/V
CC
ALC
= Off
BST
= Off
ATT
= Off
CCUP
= Off
0
20
Power supply voltage V
CC (V)
2
4
6
8
10
12
14
16
18
VOUT
= −20 dB
f
= 1 kHz
RL
= 16 Ω
Both ch. input
Rg
= 10 kΩ
STB
= V
CC
Mute
= 0 V
ALC
= Off
BST
= Off
ATT
= On/off
CCUP
= Off
1.0
5.0
3.0
4.5
2.5
1.5
3.5
4.0
2.0
GV1 (ch.1 ATT : Off), GV1 (ch.2 ATT : Off)
GV2 (ch.1 ATT : On), GV2 (ch.2 ATT : On)
I Application Notes (continued)
2. Main characteristics (continued)
PO  VCC
THD
 P
O


Similar Part No. - AN7531SA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN753 MAXIM-AN753 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
logo
Microchip Technology
AN753 MICROCHIP-AN753 Datasheet
197Kb / 4P
   Digital Coding Schemes for Mixed Signal Communication
2001
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
More results

Similar Description - AN7531SA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
logo
New Japan Radio
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Rohm
BU1521GVW ROHM-BU1521GVW Datasheet
553Kb / 16P
   For portable image equipment Upscaler IC
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
   Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com