Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 4Page - National Semiconductor (TI) LP3971 Datasheet HTML 5Page - National Semiconductor (TI) LP3971 Datasheet HTML 6Page - National Semiconductor (TI) LP3971 Datasheet HTML 7Page - National Semiconductor (TI) LP3971 Datasheet HTML 8Page - National Semiconductor (TI) LP3971 Datasheet HTML 9Page - National Semiconductor (TI) LP3971 Datasheet HTML 10Page - National Semiconductor (TI) LP3971 Datasheet HTML 11Page - National Semiconductor (TI) LP3971 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LDO RTC
Unless otherwise noted, V
IN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40˚C to +125˚C. (Notes 2, 6, 7) and (Note 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage Accuracy
V
IN Connected, Load Current =
1mA
2.632
2.8
2.968
V
∆V
OUT
Line Regulation
V
IN =(VOUT nom + 1.0V) to 5.5V
(Note 11) Load Current=1mA
0.15
%/V
Load Regulation
From Main Battery
Load Current=1mAto30mA
0.05
%/mA
From Backup Battery
V
IN = 3.0V
Load Current=1mAto10mA
0.5
I
SC
Short Circuit Current Limit
From Main Battery
V
IN =VOUT +0.3V to 5.5V
100
mA
From Backup Battery
30
V
IN -
V
OUT
Dropout Voltage
Load Current = 10 mA
375
mV
I
Q_Max
Maximum Quiescent Current
I
OUT =0mA
30
µA
TP1
RTC LDO Input Switched from
Main Battery to Backup Battery
V
IN Falling
2.9
V
TP2
RTC LDO Input Switched from
Backup Battery to Main Battery
V
IN Rising
3.0
V
C
O
Output Capacitor
Capacitance for Stability
0.7
1.0
µF
ESR
5
500
m
www.national.com
8


Similar Part No. - LP3971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3971SQ-2G16/NOPB TI1-LP3971SQ-2G16/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3971SQ-7848/NOPB TI1-LP3971SQ-7848/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3971SQ-B410/NOPB TI1-LP3971SQ-B410/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
More results

Similar Description - LP3971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
   Power Management Unit for Advanced Application Processors
logo
Texas Instruments
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
   Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
   Power Management Unit for Advanced Application Processors
logo
Texas Instruments
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
   Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
[Old version datasheet]   PRODUCT BRIEF High Performance Power Management Unit for Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com