Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F369GA Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91F369GA
Description  32-BIT RISC MICROCONTROLLER
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F369GA Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91F369GA Datasheet HTML 5Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 6Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 7Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 8Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 9Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 10Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 11Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 12Page - Fujitsu Component Limited. MB91F369GA Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 206 page
background image
MB91360G Series
9
(Continued)
Pin No.
Pin Name
I/O
General
Purpose IO Port
Circuit Type
Function
67
TDT54
I/O
WTrace Data
68
TDT48
I/O
WTrace Data
69
TDT26
I/O
WTrace Data
70
TDT21
I/O
WTrace Data
71
TDT18
I/O
WTrace Data
72
TDT12
I/O
WTrace Data
73
TDT8
I/O
WTrace Data
74
TDT3
I/O
WTrace Data
75
ICS2
O
GICE Status
76
VDD5F

77
RSTX
I
E
Reset Pin
78
OUT2
I/O
PL6
A
OCU Output 2
79
IN0
I/O
PL0
A
ICU Input 0
80
INT2
I/O
PK2
A
Ext. Interrupt 2
81
AN6
I/O
PH6
B
ADC Input 6
82
AN1
I/O
PH1
B
ADC Input 1
83
AVCC

Analog VCC
84
DEOP0
I/O
PB2
A
DMA EOP 0
85
AN14
I/O
PG6
B
ADC Input 14
86
AN9
I/O
PG1
B
ADC Input 9
87
AS
I/O
P90
A
Ext. Bus Control
88
BRQ
I/O
P82
A
Ext. Bus Control
89
CS6X
I/O
P76
A
Chip Select 6
90
A23
I/O
Q
Ext. Bus Address Bit 23
91
A17
I/O
Q
Ext. Bus Address Bit 17
92
A11
I/O
Q
Ext. Bus Address Bit 11
93
D27
I/O
Q
Ext. Bus Data Bit 27
94
D22
I/O
Q
Ext. Bus Data Bit 22
95
D17
I/O
Q
Ext. Bus Data Bit 17
96
D6
I/O
Q
Ext. Bus Data Bit 16
97
VDD5S

98
PWM1M3
I/O
PS5
K
SMC 3
99
PWM2M3
I/O
PS7
M
SMC 3
100
HVDD5A



Similar Part No. - MB91F369GA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91F369GAPQS1 FUJITSU-MB91F369GAPQS1 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
More results

Similar Description - MB91F369GA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com