Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5531 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5531
Description  ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5531 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5531 Datasheet HTML 1Page - Maxim Integrated Products MAX5531 Datasheet HTML 2Page - Maxim Integrated Products MAX5531 Datasheet HTML 3Page - Maxim Integrated Products MAX5531 Datasheet HTML 4Page - Maxim Integrated Products MAX5531 Datasheet HTML 5Page - Maxim Integrated Products MAX5531 Datasheet HTML 6Page - Maxim Integrated Products MAX5531 Datasheet HTML 7Page - Maxim Integrated Products MAX5531 Datasheet HTML 8Page - Maxim Integrated Products MAX5531 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Ultra-Low-Power, 12-Bit,
Voltage-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +1.8V to +5.5V, OUT unloaded, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
OUT to GND ...............................................-0.3V to (VDD + 0.3V)
FB to GND ..................................................-0.3V to (VDD + 0.3V)
SCLK, DIN, CS to GND ..............................-0.3V to (VDD + 0.3V)
REFIN, REFOUT to GND ............................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Thin QFN (derate 16.9mW/°C above +70°C ..............1349mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ..................................................... +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY (MAX5530 EXTERNAL REFERENCE)
Resolution
N
12
Bits
VDD = 5V, VREF = 4.096V
±4
±8
Integral Nonlinearity (Note 1)
INL
VDD = 1.8V, VREF = 1.024V
±4
±8
LSB
Guaranteed monotonic,
VDD = 5V, VREF = 4.096V
±0.2
±1
Differential Nonlinearity (Note 1)
DNL
Guaranteed monotonic,
VDD = 1.8V, VREF = 1.024V
±0.2
±1
LSB
VDD = 5V, VREF = 4.096V
±1
±20
Offset Error (Note 2)
VOS
VDD = 1.8V, VREF = 1.024V
±1
±20
mV
Offset-Error Temperature Drift
±2
µV/
°C
VDD = 5V, VREF = 4.096V
±2
±4
Gain Error (Note 3)
GE
VDD = 1.8V, VREF = 1.024V
±2
±4
LSB
Gain-Error Temperature
Coefficient
±4
ppm/
°C
Power-Supply Rejection Ratio
PSRR
1.8V
≤ VDD ≤ 5.5V
85
dB
STATIC ACCURACY (MAX5531 INTERNAL REFERENCE)
Resolution
N
12
Bits
VDD = 5V, VREF = 3.9V
±4
±8
Integral Nonlinearity (Note 1)
INL
VDD = 1.8V, VREF = 1.2V
±4
±8
LSB
Guaranteed monotonic,
VDD = 5V, VREF = 3.9V
±0.2
±1
Differential Nonlinearity (Note 1)
DNL
Guaranteed monotonic,
VDD = 1.8V, VREF = 1.2V
±0.2
±1
LSB
VDD = 5V, VREF = 3.9V
±1
±20
Offset Error (Note 2)
VOS
VDD = 1.8V, VREF = 1.2V
±1
±20
mV
Offset-Error Temperature Drift
±2
µV/
°C
VDD = 5V, VREF = 3.9V
±2
±4
Gain Error (Note 3)
GE
VDD = 1.8V, VREF = 1.2V
±2
±4
LSB
Gain-Error Temperature
Coefficient
±4
ppm/
°C


Similar Part No. - MAX5531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5531 MAXIM-MAX5531 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
More results

Similar Description - MAX5531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com