Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTV4010 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTV4010
Description  10-bit DDR SDRAM mux/bus switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTV4010 Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTV4010 Datasheet HTML 1Page - NXP Semiconductors CBTV4010 Datasheet HTML 2Page - NXP Semiconductors CBTV4010 Datasheet HTML 3Page - NXP Semiconductors CBTV4010 Datasheet HTML 4Page - NXP Semiconductors CBTV4010 Datasheet HTML 5Page - NXP Semiconductors CBTV4010 Datasheet HTML 6Page - NXP Semiconductors CBTV4010 Datasheet HTML 7Page - NXP Semiconductors CBTV4010 Datasheet HTML 8Page - NXP Semiconductors CBTV4010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
CBTV4010
10-bit DDR SDRAM mux/bus switch
2002 Feb 19
3
64-BALL BGA CONFIGURATION
A
B
C
D
E
F
G
H
J
K
L
1
2
3
4
5
6
78
910
11
S2
2DP9
S1
VDD
S3
GND
HP9
HP8
GND
S0
HP7
3DP6
2DP6
HP6
GND
HP5
GND
HP0
3DP0
0DP1
HP1
GND
HP2
HP3
GND
HP4
SA00589
VDD
1DP9
0DP9
1DP8
0DP8
3DP7
3DP9
3DP8
2DP8
2DP7
1DP7
0DP7
1DP0
0DP0
2DP0
1DP6
0DP6
1DP1
3DP5
2DP5
2DP1
3DP1
3DP2
0DP3
0DP4
3DP4
1DP5
0DP2
1DP2
2DP2
1DP3
2DP3
3DP3
1DP4
2DP4
0DP5
NC
NC
NOTE: BLANK SPACE INDICATES NO BALL
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
B6, B9, C10, F2,
F10, J2, J10, K3,
K6, K9
HP0–HP9
Host ports
A2, B1, B3, C2
S0–S3
Select
A5, A6, A7, A9,
A10, A11, B5, B7,
B8, B11, C11, D10,
E1, E2, E10, E11,
F1, F11, G1, G2,
G11, H2, H10, J1,
J11, K1, K4, K5,
K8, K10, K11, L1,
L2, L3, L5, L6, L7,
L9, L10, L11
0DP0–3DP3
0DP1–3DP1
0DP2–3DP2
0DP3–3DP3
0DP4–3DP4
0DP5–3DP5
0DP6–3DP6
0DP7–3DP7
0DP8–3DP8
0DP9–3DP9
DIMM ports
B10, D2, G10, K2,
K7,
GND
Ground
A1, B2
VDD
Positive supply voltage
FUNCTION TABLE
INPUT
S
FUNCTION
L
Host port = DIMM port
H
Host port = Disconnect
DIMM port = 100
Ω to GND
H = High voltage level
L
= Low voltage level


Similar Part No. - CBTV4010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTV4020 NXP-CBTV4020 Datasheet
105Kb / 16P
   20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
CBTV4020EE NXP-CBTV4020EE Datasheet
105Kb / 16P
   20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
CBTV4020EG NXP-CBTV4020EG Datasheet
105Kb / 16P
   20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
More results

Similar Description - CBTV4010

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83840 ICST-ICS83840 Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83840B ICST-ICS83840B Datasheet
131Kb / 7P
   DDR SDRAM MUX
ICS83841 ICST-ICS83841 Datasheet
123Kb / 8P
   20 BIT, DDR SDRAM 2:1 MUX
logo
NXP Semiconductors
CBTV4020 NXP-CBTV4020 Datasheet
105Kb / 16P
   20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
CBTU4411EE PHILIPS-CBTU4411EE Datasheet
178Kb / 21P
   11-bit DDR2 SDRAM MUX/bus switch with 12 ohm ON resistance
Rev. 4-18 June 2012
CBTU4411 NXP-CBTU4411 Datasheet
178Kb / 21P
   11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance
Rev. 4 ??18 June 2012
CBTU4411 NXP-CBTU4411_09 Datasheet
115Kb / 20P
   11-bit DDR2 SDRAM MUX/bus switch with 12 W ON resistance
Rev. 03-12 October 2009
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
   3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com