Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28419OC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28419OC
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28419OC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28419OC Datasheet HTML 4Page - Cypress Semiconductor CY28419OC Datasheet HTML 5Page - Cypress Semiconductor CY28419OC Datasheet HTML 6Page - Cypress Semiconductor CY28419OC Datasheet HTML 7Page - Cypress Semiconductor CY28419OC Datasheet HTML 8Page - Cypress Semiconductor CY28419OC Datasheet HTML 9Page - Cypress Semiconductor CY28419OC Datasheet HTML 10Page - Cypress Semiconductor CY28419OC Datasheet HTML 11Page - Cypress Semiconductor CY28419OC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY28419
Document #: 38-07444 Rev. *D
Page 8 of 16
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low-ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
The following diagram shows a typical crystal configuration
using the two trim capacitors. An important clarification for the
following discussion is that the trim capacitors are in series
with the crystal not parallel. It’s a common misconception that
load capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (Ce1,Ce2) should be
calculated to provide equal capacitive loading on both sides.
As mentioned previously, the capacitance on each side of the
crystal is in series with the crystal. This mean the total capac-
itance on each side of the crystal must be twice the specified
load capacitance(CL). While the capacitance on each side of
the crystal is in series with the crystal, trim capac-
itors(Ce1,Ce2) should be calculated to provide equal capaci-
tative loading on both sides.
Use the following formulas to calculate the trim capacitor
values fro Ce1 and Ce2.
CL....................................................Crystal load capacitance
CLe......................................... Actual loading seen by crystal
...................................... using standard value trim capacitors
Ce..................................................... External trim capacitors
Cs ........................................... Stray capacitance (trace, etc.)
Ci .......................................................... Internal capacitance
................................................. (lead frame, bond wires, etc.)
PD# (Power-down) Clarification
The PD# pin is used to shut off all clocks and PLLs without
having to remove power from the device. All clocks are shut
down in a synchronous manner so has not to cause glitches
while transitioning to the power-down state.
PD#–Assertion
When PD# is sampled low by two consecutive rising edges of
the CPUC clock then all clock outputs (except CPU) clocks
must be held low on their next high to low transition. CPU
clocks must be held with CPUT clock pin driven high with a
value of 2x Iref and CPUC undriven as the default condition.
There exists an I2C bit that allows for the CPUT/C outputs to
be three-stated during power-down. Due to the state of internal
logic, stopping and holding the REF clock outputs in the LOW
state may require more than one clock cycle to complete.
Figure 1. Crystal Capacitive Clarification
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
(CY28419)
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe


Similar Part No. - CY28419OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28419OC SPECTRALINEAR-CY28419OC Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419OCT SPECTRALINEAR-CY28419OCT Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28419OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com