Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8496 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) DP8496 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
30 Register List
DISK DATA CONTROLLER REGISTERS
Addr
Name
Label
RW Pg
00 – 06 ECC Shift Registers 0 – 6
ESRx
R
29
07
ECC Control
EC
RW
28
08 – 0F Reserved
10
Disk Command
DCMD
W
23
11
Disk Control
DCTL
RW
25
12
Disk Interrupt
DINT
RW
27
13
Disk Interrupt Enable
DINTE RW
27
14
Disk Status
DSTAT
R
26
15
Sector Number
SN
RW
28
16
Header Byte CountInterlock
HBC
RW
28
17
Sector Count
SC
RW
28
18
ECC Byte Count (Low)
ECCL
R
29
19
ECC Byte Count (High)
ECCH
R
29
1A – 1F Reserved
DISK FORMAT REGISTERS
Addr
Name
Label
RW Pg
20
Post SectorIndex Count
PSIG
RW 29
21
Header Preamble Count
HPC
RW 29
22
Preamble Pattern
PREP
RW 30
23
Header Synch
1
2 Counts
HSC
RW 30
24
Header Synch
1 Pattern
HSP1
RW 30
25
Header Synch
2 Pattern
HSP2
RW 30
26
Header Byte 0 1 Control
HC01
RW 30
27
Header Byte 0 Pattern
HP0
RW 31
28
Header Byte 1 Pattern
HP1
RW 31
29
Header Byte 2 3 Control
HC23
RW 31
2A
Header Byte 2 Pattern
HP2
RW 31
2B
Header Byte 3 Pattern
HP3
RW 31
2C
Header Byte 4 5 Control
HC45
RW 31
2D
Header Byte 4 Pattern
HP4
RW 31
2E
Header Byte 5 Pattern
HP5
RW 31
2F
Header ECC
Postamble
HECC
RW 31
Count
30
Postamble Pattern
POSTP RW 31
31
Data Preamble Count
DPC
RW 31
32
Data Synch
1
2 Count
DSC
RW 31
33
Data Synch
1 Pattern
DSP1
RW 32
34
Data Synch
2 Pattern
DSP2
RW 32
35
Sector Byte Count (Low)
SBCL
RW 32
36
Sector Byte Count (High)
SBCH
RW 32
37
Data Format Pattern
DFP
RW 32
38
Data ECC
Postamble
DECC
RW 32
Count
39
Gap 3 Byte Count
GAPC RW 32
3A
Gap 3
PSIG Pattern
GAPP
RW 32
3B – 3F Reserved
SCSI REGISTERS
Addr
Name
Label
RW
Pg
40
SCSI Command
SCMD
W
39
41
SCSI Data
SDAT
RW
53
42
SCSI Control
SCTL
RW
53
43
SCSI Operation
SOP
RW
53
44
Synchronous Transfer
SYNC
RW
54
45
Identify
IDENT
RW
55
46
Destination ID
DID
RW
56
47
Source ID
SID
RW
56
48
SCSI Status
SSTAT
R
56
49
SCSI Interrupt
SINT
R
57
4A
SCSI Interrupt Enable
SINTE
RW
60
4B
SCSI Block Count
SBC
RW
60
4C
SCSI Block Size (MSB)
SBSH
RW
60
4D
SCSI Block Size (LSB)
SBSL
RW
60
4E
Differential SCSI 1
SDIF1
RW
60
4F
Differential SCSI 2
SDIF2
RW
60
50 – 5F
Reserved
SETUP AND TIMER REGISTERS
Addr
Name
Label
RW
Pg
60
Setup 1
SUP1
RW
10
61
Setup 2
SUP2
RW
11
62
Setup 3
SUP3
RW
12
63
Timer Prescale
TPRE
RW
64
64
Timer Count
TCNT
RW
64
BUFFER MEMORY REGISTERS
Addr
Name
Label
RW
Pg
65
Disk Pointer (MSB)
DP2
RW
19
66
Disk Pointer
DP1
RW
19
67
Disk Pointer (LSB)
DP0
RW
19
68
SCSI Pointer (MSB)
SP2
RW
19
69
SCSI Pointer
SP1
RW
19
6A
SCSI Pointer (LSB)
SP0
RW
19
6B
Processor Pointer (MSB)
PP2
RW
19
6C
Processor Pointer
PP1
RW
19
6D
Processor Pointer (LSB)
PP0
RW
19
6E
Buffer Memory Data
BMD
RW
19
6F – 7F
Reserved
9


Similar Part No. - DP8496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8496

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
   Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
   DP8473 Floppy Disk Controller PLUS-2
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com