Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN18541T Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN18541T
Description  SERIALLY CONTROLLED ACCESS NETWORK NON-INVERTING LINE DRIVER WITH TRI-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN18541T Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button SCAN18541T Datasheet HTML 4Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 5Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 6Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 7Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 8Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 9Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 10Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 11Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MNSCAN18541T-X REV 1A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC Parameters: SCAN TEST OPERATION (Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pF, RL=500 OHMS, TRISE/TFALL=3.0ns, Temp. Range: -55 C to 125 C.
NOTE: -55C TEMPERATURE, SUBGROUP
11 IS GUARANTEED BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpHL(3)
Propagation Delay
VCC=4.5V
During Update-IR state
2,
4, 7
TCK to
Data
Out
5.0
18.6
nS
9
2,
4, 7
TCK to
Data
Out
5.0
21.2
nS
10, 11
tpLH(4)
Propagation Delay
VCC=4.5V
During Test Logic Reset
2,
4, 7
TCK to
Data
Out
5.5
19.9
nS
9
2,
4, 7
TCK to
Data
Out
5.5
23.0
nS
10, 11
tpHL(4)
Propagation Delay
VCC=4.5V
During Test Logic Reset
2,
4, 7
TCK to
Data
Out
5.5
19.9
nS
9
2,
4, 7
TCK to
Data
Out
5.5
23.0
nS
10, 11
tpLZ(2)
Output Disable
Time
VCC=4.5V
During Update-DR state
2,
4, 7
TCK to
Data
Out
4.0
16.4
nS
9
2,
4, 7
TCK to
Data
Out
4.0
19.6
nS
10, 11
tpHZ(2)
Output Disable
Time
VCC=4.5V
During Update-DR state
2,
4, 7
TCK to
Data
Out
4.0
16.4
nS
9
2,
4, 7
TCK to
Data
Out
4.0
19.6
nS
10, 11
tpLZ(3)
Output Disable
Time
VCC=4.5V
During Update-IR state
2,
4, 7
TCK to
Data
Out
5.0
19.5
nS
9
2,
4, 7
TCK to
Data
Out
5.0
22.4
nS
10, 11
tpHZ(3)
Output Disable
Time
VCC=4.5V
During Update-IR state
2,
4, 7
TCK to
Data
Out
5.0
19.5
nS
9
2,
4, 7
TCK to
Data
Out
5.0
22.4
nS
10, 11
8


Similar Part No. - SCAN18541T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18541T NSC-SCAN18541T Datasheet
151Kb / 14P
   Non-Inverting Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
SCAN18541TSSC FAIRCHILD-SCAN18541TSSC Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
More results

Similar Description - SCAN18541T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18541T NSC-SCAN18541T Datasheet
151Kb / 14P
   Non-Inverting Line Driver with TRI-STATE Outputs
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
SCAN18540T FAIRCHILD-SCAN18540T Datasheet
93Kb / 11P
   Inverting Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com