Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2704 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2704
Description  3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2704 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2704 Datasheet HTML 3Page - New Japan Radio NJM2704 Datasheet HTML 4Page - New Japan Radio NJM2704 Datasheet HTML 5Page - New Japan Radio NJM2704 Datasheet HTML 6Page - New Japan Radio NJM2704 Datasheet HTML 7Page - New Japan Radio NJM2704 Datasheet HTML 8Page - New Japan Radio NJM2704 Datasheet HTML 9Page - New Japan Radio NJM2704 Datasheet HTML 10Page - New Japan Radio NJM2704 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJM2704
- 10 -
s
s
s
sTYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
Total Harmonic Distortion vs. Input Voltage (BYPASS)
Input Voltage [dBV]
V+=3V Vin=Lch f=1kHz Vout=Lch
RL=10kohm BW=10Hz to 80kHz
Ta=75deg.
Ta=25deg.
Ta=-20deg.
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
Total Harmonic Distortion vs. Input Voltage (Surround)
Input Voltage [dBV]
V+=3V Vin=Lch f=100Hz Vout=Lch
RL=10kohm BW=10Hz to 80kHz VR=MAX
Ta=75deg.
Ta=25deg.
Ta=-20deg.
-1
-0.5
0
0.5
1
10
100
1000
10
4
10
5
Voltage Gain vs. Frequency (BYPASS)
Frequency [Hz]
V+=3V Vin=-20dBV Lch Vout=Lch
RL=10kohm Rg=25ohm
Ta=-20deg.
Ta=25deg.
Ta=75deg.
-5
0
5
10
15
20
10
100
1000
10
4
10
5
Voltage Gain vs. Frequency (Surround)
Frequency [Hz]
V+=3V Vin=-20dBV Lch Vout=Lch
RL=10kohm Rg=25ohm VR=MAX
Ta=-20deg.
Ta=25deg.
Ta=75deg.
-10
-5
0
5
10
15
10
100
1000
10
4
10
5
Voltage Gain vs. Frequency (Surround)
Frequency [Hz]
V+=3V Vin=-20dBV Rch Vout=Lch
RL=10kohm Rg=25ohm VR=MAX
Ta=-20deg.
Ta=25deg.
Ta=75deg.
-5
0
5
10
15
20
10
100
1000
10
4
10
5
Voltage Gain vs. Frequency (Surround)
Frequency [Hz]
V+=3V Vin=-20dBV Lch Vout=Lch
RL=10kohm Rg=25ohm VR=MIN
Ta=-20deg.
Ta=25deg.
Ta=75deg.


Similar Part No. - NJM2704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700FJ1 NJRC-NJM2700FJ1 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700G NJRC-NJM2700G Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700L NJRC-NJM2700L Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
More results

Similar Description - NJM2704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com