Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS84118T-166 Datasheet(PDF) 9 Page - GSI Technology

Part # GS84118T-166
Description  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118T-166 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS84118T-166 Datasheet HTML 5Page - GSI Technology GS84118T-166 Datasheet HTML 6Page - GSI Technology GS84118T-166 Datasheet HTML 7Page - GSI Technology GS84118T-166 Datasheet HTML 8Page - GSI Technology GS84118T-166 Datasheet HTML 9Page - GSI Technology GS84118T-166 Datasheet HTML 10Page - GSI Technology GS84118T-166 Datasheet HTML 11Page - GSI Technology GS84118T-166 Datasheet HTML 12Page - GSI Technology GS84118T-166 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Rev: 1.05 7/2001
9/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
Truth Table For Read/Write/Compare/Fill Write Operation
Notes:
1. X means “don’t care,” H means “logic high,” L means “logic low.”
2. Write is the logic function of GW, BWE, BW1, BW2. See Byte Write Function table for detail.
3. CE is defined as CE1=L, CE2=H and CE3=L
4. All signals are synchronous and are sampled by CLK except OE and MOE. OE and MOE are asynchronous and drive the bus immediately.
Absolute Maximum Ratings (Voltage reference to VSS = 0 V)
Note: Permanent damage to the device may occur if the Absolute Maximun Ratings are exceeded. Functional operation should be restricted to
the recommended operation conditions. Exposure to higher than recommended voltages, for an extended period of time, could effect the
performance and reliability of this component.
CE
Write
DE
MOE
OE
Match
DQ
Read
L
H
X
X
L
Q
Write
L
L
L
X
H
D
Compare
L
H
L
L
H
Data Out
D
Fill Write
L
L
H
X
X
X
Match Deselect
H
X
X
L
X
High
High Z
Deselect
H
X
X
H
X
High Z
High Z
Symbol
Description
Commerical
Unit
VDD
Supply Voltage
–0.5 to 4.6
V
VDDQ
Output Supply Voltage
–0.5 to VDD
V
VCLK
CLK Input Voltage
–0.5 to 6
V
Vin
Input Voltage
–0.5 to VDD + 0.5
(
≤ 4.6 V max. )
V
Vout
Output Voltage
–0.5 to VDD + 0.5
(
≤ 4.6 V max. )
V
Iout
Output Current per I/O
+/–20
mA
PD
Power Dissipation
1.5
W
TOPR
Operating Temperature
0 to 70
oC
TSTG
Storage Temperature
–55 to 125
oC


Similar Part No. - GS84118T-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS84118T-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com