Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC51FB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 8XC51FB
Description  80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 8XC51FB Datasheet HTML 7Page - NXP Semiconductors 8XC51FB Datasheet HTML 8Page - NXP Semiconductors 8XC51FB Datasheet HTML 9Page - NXP Semiconductors 8XC51FB Datasheet HTML 10Page - NXP Semiconductors 8XC51FB Datasheet HTML 11Page - NXP Semiconductors 8XC51FB Datasheet HTML 12Page - NXP Semiconductors 8XC51FB Datasheet HTML 13Page - NXP Semiconductors 8XC51FB Datasheet HTML 14Page - NXP Semiconductors 8XC51FB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Philips Semiconductors
Product specification
8XC54/58
8XC51FA/FB/FC/80C51FA
8XC51RA+/RB+/RC+/RD+/80C51RA+
80C51 8-bit microcontroller family
8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33MHz)
2000 Aug 07
11
Table 2.
8XC51FA/FB/FC, 8XC51RA+/RB+/RC+/RD+ Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
AUXR#
Auxiliary
8EH
EXTRAM
(RX+ only)
AO
xxxxxx00B
AUXR1#
Auxiliary 1
A2H
LPEP3
GF3
0
DPS
xxx0xxx0B
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
CCAP0H#
Module 0 Capture High
FAH
xxxxxxxxB
CCAP1H#
Module 1 Capture High
FBH
xxxxxxxxB
CCAP2H#
Module 2 Capture High
FCH
xxxxxxxxB
CCAP3H#
Module 3 Capture High
FDH
xxxxxxxxB
CCAP4H#
Module 4 Capture High
FEH
xxxxxxxxB
CCAP0L#
Module 0 Capture Low
EAH
xxxxxxxxB
CCAP1L#
Module 1 Capture Low
EBH
xxxxxxxxB
CCAP2L#
Module 2 Capture Low
ECH
xxxxxxxxB
CCAP3L#
Module 3 Capture Low
EDH
xxxxxxxxB
CCAP4L#
Module 4 Capture Low
EEH
xxxxxxxxB
CCAPM0#
Module 0 Mode
DAH
ECOM
CAPP
CAPN
MAT
TOG
PWM
ECCF
x0000000B
CCAPM1#
Module 1 Mode
DBH
ECOM
CAPP
CAPN
MAT
TOG
PWM
ECCF
x0000000B
CCAPM2#
Module 2 Mode
DCH
ECOM
CAPP
CAPN
MAT
TOG
PWM
ECCF
x0000000B
CCAPM3#
Module 3 Mode
DDH
ECOM
CAPP
CAPN
MAT
TOG
PWM
ECCF
x0000000B
CCAPM4#
Module 4 Mode
DEH
ECOM
CAPP
CAPN
MAT
TOG
PWM
ECCF
x0000000B
DF
DE
DD
DC
DB
DA
D9
D8
CCON*#
PCA Counter Control
D8H
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
00x00000B
CH#
PCA Counter High
F9H
00H
CL#
PCA Counter Low
E9H
00H
CMOD#
PCA Counter Mode
D9H
CIDL
WDTE
CPS1
CPS0
ECF
00xxx000B
DPTR:
Data Pointer (2 bytes)
DPH
Data Pointer High
83H
00H
DPL
Data Pointer Low
82H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt Enable
A8H
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt Priority
B8H
PPC
PT2
PS
PT1
PX1
PT0
PX0
x0000000B
B7
B6
B5
B4
B3
B2
B1
B0
IPH#
Interrupt Priority High
B7H
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
x0000000B
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
CEX4
CEX3
CEX2
CEX1
CEX0
ECI
T2EX
T2
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TxD
RxD
FFH
PCON#1
Power Control
87H
SMOD1
SMOD0
POF2
GF1
GF0
PD
IDL
00xx0000B
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.
Reserved bits.
1. Reset value depends on reset source.
2. Bit will not be affected by Reset.
3. LPEP – Low Power OTP–EPROM only operation.


Similar Part No. - 8XC51FB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51FB PHILIPS-8XC51FB Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
8XC51FB PHILIPS-8XC51FB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

Similar Description - 8XC51FB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com