Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS84118T-100 Datasheet(PDF) 5 Page - GSI Technology

Part # GS84118T-100
Description  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118T-100 Datasheet(HTML) 5 Page - GSI Technology

  GS84118T-100 Datasheet HTML 1Page - GSI Technology GS84118T-100 Datasheet HTML 2Page - GSI Technology GS84118T-100 Datasheet HTML 3Page - GSI Technology GS84118T-100 Datasheet HTML 4Page - GSI Technology GS84118T-100 Datasheet HTML 5Page - GSI Technology GS84118T-100 Datasheet HTML 6Page - GSI Technology GS84118T-100 Datasheet HTML 7Page - GSI Technology GS84118T-100 Datasheet HTML 8Page - GSI Technology GS84118T-100 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Rev: 1.05 7/2001
5/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
PBGA Pin Description
Pin Location
Symbol
Description
P4, N4, R2, C3, B3, C2, A2, A3, A5, A6, T6, C5,
R6, T5, T2, T3, B5, C6
A0–A17
Address Input Signals—Inputs are registered and must meet
setup and hold times, as specified on page 11.
K4
CLK
Clock Input Signal
M4
BWE
Byte Write Enable Signal—The byte write enable signal needs to
be combined with one of the four byte write signals for a write
operation to occur.
L5
BW1
Byte Write signal for data outputs 1 thru 8
G3
BW2
Byte Write signal for data outputs 9 thru 16
H4
GW
Global Write Enable
E4, B2, B6
CE1,CE2, CE3
Chip Enables
F4
OE
Output Enable
G4
ADV
Burst address advance
A4, B4
ADSP, ADSC
Address status signals
P7, N6, L6, K7, H6, G7, F6, E7, D1, E2, G2, H1,
K2, L1, M2, N1
DQ1–DQ16
Data Input and Output pins
D6, P2
DQP1–DQP2
Parity Input and Output pins
M6
MATCH
Match Output
P6
MOE
Match Output Enable
N7
DE
Data Enable—Data input registers are updated only when DE is
active.
T7
ZZ
Power down control—Application of ZZ will result in a low
standby power consumption.
R5
FT
Flow Through or Pipeline mode
R3
LBO
Linear Order Burst mode
U2
TMS
Test Mode Select
U3
TDI
Test Data In
U5
TDO
Test Data Out
U4
TCK
Test Clock
C4, J2, J4, J6, R4
VDD
3.3 V power supply
D3, D5, E3, E5, F3, F5, H3, H5, K3, K5, M3, M5,
N3, N5, P3, P5
VSS
Ground
A1, A7, F1, F7, J1, J7, M1, M7, U1, U7
VDDQ
2.5 V/3.3 V output power supply
B1, B7, C1, C7, D2, D4, D7, E1, E6, F2, G1, G5,
G6, H2, H7, J3, J5, K1, K6, L2, L3, L4, L7, N2,
P1, RR1, R7, T1, T4, U6
NC
No Connect


Similar Part No. - GS84118T-100

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS84118T-100

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com