Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNA1302K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNA1302K
Description  Transmissive Photosensors (Photo lnterrupters) For contactless SW, object detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNA1302K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNA1302K Datasheet HTML 1Page - Panasonic Semiconductor CNA1302K Datasheet HTML 2Page - Panasonic Semiconductor CNA1302K Datasheet HTML 3Page - Panasonic Semiconductor CNA1302K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CNA1302K
3
SHG00022BED
∆I
C  d (1)
∆I
C  d (2)
100
80
60
40
20
0
100
80
60
40
20
0
1234
0
0.5
1.0
1.5
2.0
2.5
0
VCE
= 5 V
Ta
= 25°C
IF
= 5 mA
VCE
= 5 V
Ta
= 25°C
IF
= 5 mA
d
d
Distance d (mm)
Distance d (mm)
Criterion
0
Criterion
0


Similar Part No. - CNA1302K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
CNA1303K PANASONIC-CNA1303K Datasheet
70Kb / 4P
   Photo Interrupter
More results

Similar Description - CNA1302K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON1120 PANASONIC-ON1120 Datasheet
68Kb / 2P
   Transmissive Photosensors (Photo lnterrupters)
ON1113 PANASONIC-ON1113 Datasheet
89Kb / 3P
   Transmissive Photosensors (Photo lnterrupters)
CNA1012K PANASONIC-CNA1012K Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
CNZ1105 PANASONIC-CNZ1105 Datasheet
90Kb / 3P
   Photo Interrupter For contactless SW, object detection
ON1102 PANASONIC-ON1102 Datasheet
70Kb / 4P
   For contactless SW, object detection
CNA1312K PANASONIC-CNA1312K Datasheet
61Kb / 3P
   Transmissive Photosensors(Photo Interrupters)
ON2173 PANASONIC-ON2173 Datasheet
68Kb / 3P
   Reflective Photosensors (Photo Reflectors)
logo
Omron Electronics LLC
E3S-R1B4 OMRON-E3S-R1B4 Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
logo
CT Micro International ...
PIT5005T-CL7526 CTMICRO-PIT5005T-CL7526 Datasheet
1Mb / 10P
   Transmissive Type Photo-Interrupter
Rev.1 Aug, 2022
PIT5005T-CL CTMICRO-PIT5005T-CL Datasheet
1Mb / 10P
   Transmissive Type Photo-Interrupter
Rev.1 Aug, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com