Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC256K16E0-45JC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16E0-45JC
Description  3.3V 256K X 16 CMOS DRAM (EDO)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16E0-45JC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16E0-45JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC256K16E0-45JC Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 7 of 25
EDO page mode cycle
Refresh cycle
Output enable
Self refresh cycle
Std
Symbol
Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tPC
Read or write cycle time (fast page)
15
17
25
ns
14
tCAP
Access time from CAS precharge
19
21
23
ns
13
tCP
CAS precharge time (fast page)
4
5
6
ns
tPCM
EDO page mode RMW cycle
56
58
60
ns
tCRW
Page mode CAS pulse width (RMW)
44
46
50
ns
tRASP
RAS pulse width
35
75K
45
75K
60
75K
ns
Std
Symbol
Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tCSR
CAS setup time (CAS-before-RAS)
10
10
10
ns
3
tCHR
CAS hold time (CAS-before-RAS)8
8
10
ns
3
tRPC
RAS precharge to CAS hold time
0
0
0
ns
tCPT
CAS precharge time
(CAS-before-RAS counter test)
8–
8
8
ns
Std
Symbol
Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tROH
RAS hold time referenced to OE
5–
5
5
ns
tOEA
OE access time
10
10
10
ns
tOED
OE to data delay
5
5
8
ns
tOEZ
Output buffer turnoff delay from OE
–8
8
8
ns
8
tOEH
OE command hold time
8
8
8
ns
Std Symbol Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tRASS
RAS pulse width
(CBR self refresh)
100K
100K
100K
ns
tRPS
RAS precharge time
(CBR self refresh)
85
85
85
ns
tCHS
CAS hold time
(CBR self refresh)
30
30
30
ns


Similar Part No. - AS4LC256K16E0-45JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S0 ALSC-AS4LC2M8S0 Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-10TC ALSC-AS4LC2M8S0-10TC Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-7TC ALSC-AS4LC2M8S0-7TC Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-8TC ALSC-AS4LC2M8S0-8TC Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results

Similar Description - AS4LC256K16E0-45JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com